Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53168 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN53168
Description  6-Bit VID Controlled 2-4 Phase DC-DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53168 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN53168 Datasheet HTML 1Page - Fairchild Semiconductor FAN53168 Datasheet HTML 2Page - Fairchild Semiconductor FAN53168 Datasheet HTML 3Page - Fairchild Semiconductor FAN53168 Datasheet HTML 4Page - Fairchild Semiconductor FAN53168 Datasheet HTML 5Page - Fairchild Semiconductor FAN53168 Datasheet HTML 6Page - Fairchild Semiconductor FAN53168 Datasheet HTML 7Page - Fairchild Semiconductor FAN53168 Datasheet HTML 8Page - Fairchild Semiconductor FAN53168 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PRODUCT SPECIFICATION
FAN53168
REV. 1.0.0 6/9/03
5
Electrical Specifications1
(Vcc = 12V, TA = 0
°C to +85°C and FBRTN = GND, unless otherwise noted.)
The
• denotes specifications which apply over the full operating temperature range.
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality control
2. Guaranteed by design – NOT tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Current Sense Amplifier
Offset Voltage
VOS(CSA)
CSSUM-CSREF, Test Circuit 1
-1.5
+1.5
mV
Input Bias Current
IBIAS(CSA)
-50
+50
nA
Gain Bandwidth Product
GBW(ERR) COMP = FB
20
MHz
Slew Rate
CCOMP = 10pF
50
V/
µs
Input Common Mode
Range
CSSUM and CSREF
03
V
Positioning Accuracy
∆VFB
COMP = FB, Test Circuit 2
-83
-80
-77
mV
Output Voltage Range
ICSCOMP = ±100
µA
0.05
3.3
V
Output Current
IO(ERR)
FB forced to VOUT – 3%
500
µA
Current Balance Circuit
Common Mode Range
VSW(X)CM
-600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0V
20
30
40
k
Input Current
ISW(X)
SW(X) = 0V
47
10
µA
Input Current Matching
∆ISW(X)
SW(X) = 0V
-5
+5
%
Current Limit Comparator
ILIMIT Output Voltage
Normal Mode
In Shutdown
VILIMIT(NM)
VILIMIT(SD)
EN > 0.8V, RILIMIT = 250k
EN < 0.4V, IILIMIT = -100
µA
2.9
3
3.1
400
V
mV
Output Current, Normal
Mode
IILIMIT(NM)
EN > 0.8V, RILIMIT = 250k
12
µA
Maximum Output Current
EN > 0.8V
60
µA
Current Limit Threshold
Voltage
VCL
VCSREF-VCSCOMP, RILIMIT = 250k
Ω•
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/
µA
Latch-off Delay Threshold
VDELAY
In Current Limit
1.7
1.8
1.9
V
Latch-off Delay Time
tDELAY
RDELAY = 250k
Ω, CDELAY = 4.7nF
600
µs
Soft Start
Output Current, Softstart
Mode
IDELAY(SS)
During Start-up, DELAY < 2.8 V
15
20
25
µA
Soft Start Delay Time
TDELAY(SS) RDELAY = 250k
Ω, CDELAY = 4.7nF,
VID[5:0] = 011111
350
µs
Enable Input
Input Low Voltage
VIL(EN)
0.4
V
Input High Voltage
VIH(EN)
0.8
V
Input Current, EN Low
IIL(EN)
EN = 0V
-1
1
µA
Input Current, EN High
IIH(EN)
EN = 1.25V
10
25
µA


Similar Part No. - FAN53168

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180MTC FAIRCHILD-FAN53180MTC Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
More results

Similar Description - FAN53168

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG_1 Datasheet
335Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782 Datasheet
229Kb / 20P
   2-Phase Step-UP DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com