Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1258WP-100-IND Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1258WP-100-IND
Description  3.3V 128k x 16 Nonvolatile
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1258WP-100-IND Datasheet(HTML) 9 Page - Dallas Semiconductor

  DS1258WP-100-IND Datasheet HTML 1Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 2Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 3Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 4Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 5Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 6Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 7Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 8Page - Dallas Semiconductor DS1258WP-100-IND Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS1258W
9 of 9
DS1258W NONVOLATILE SRAM 40-PIN, 740-MIL EXTENDED MODULE
PKG
40-PIN
DIM
MIN
MAX
A IN.
MM
2.080
52.83
2.100
53.34
B IN.
MM
0.715
18.16
0.740
18.80
C IN.
MM
0.345
8.76
0.365
9.27
D IN.
MM
0.085
2.16
0.115
2.92
E IN.
MM
0.015
0.38
0.030
0.76
F IN.
MM
0.120
3.05
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.43
0.025
0.58


Similar Part No. - DS1258WP-100-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100 MAXIM-DS1258W-100 Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100# MAXIM-DS1258W-100# Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100IND MAXIM-DS1258W-100IND Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100IND# MAXIM-DS1258W-100IND# Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
More results

Similar Description - DS1258WP-100-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
logo
Dallas Semiconductor
DS1258Y DALLAS-DS1258Y Datasheet
174Kb / 8P
   128k x 16 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1258AB MAXIM-DS1258AB Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
logo
Maxim Integrated Produc...
DS1212 MAXIM-DS1212 Datasheet
91Kb / 7P
   Nonvolatile Controller x 16 Chip
111899
logo
Dallas Semiconductor
DS1212 DALLAS-DS1212 Datasheet
85Kb / 7P
   Nonvolatile Controller x 16 Chip
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
logo
Integrated Silicon Solu...
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com