Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1388Z-5+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1388Z-5+
Description  I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1388Z-5+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1388Z-5+ Datasheet HTML 3Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 4Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 5Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 6Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 7Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 8Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 9Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 10Page - Maxim Integrated Products DS1388Z-5+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
I2C RTC/Supervisor with Trickle Charger
and 512 Bytes EEPROM
_____________________________________________________________________
7
VCC FALLING vs. RST DELAY
VCC FALLING (V/ms)
10
1
0.1
100
1000
10,000
10
0.01
100
VCC = VPF + 0.1V TO 0V
IBACKUP SUPPLY CURRENT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
10
-25
300
350
400
450
500
550
600
250
-40
80
VBACKUP = 3V
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY (V)
5.3
4.8
3.8
4.3
2.3
2.8
3.3
1.8
32768.05
32768.10
32768.15
32768.20
32768.25
32768.30
32768.35
32768.40
32768.45
32768.00
1.3
IBACKUP SUPPLY CURRENT VOLTAGE
vs. VBACKUP
VBACKUP (V)
5.3
4.9
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
300
350
400
450
500
250
1.3
VCC = 0V
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS1388Z-5+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388Z-5++ MAXIM-DS1388Z-5+ Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
More results

Similar Description - DS1388Z-5+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com