Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1258WP-100 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1258WP-100
Description  3.3V 128k x 16 Nonvolatile
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1258WP-100 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1258WP-100 Datasheet HTML 1Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 2Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 3Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 4Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 5Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 6Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 7Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 8Page - Dallas Semiconductor DS1258WP-100 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DS1258W
4 of 9
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +4.6V
Operating Temperature Range
0°C to 70°C, -40
°C to +85°C for Industrial Parts
Storage Temperature Range
-40°C to +70°C, -40
°C to +85°C for Industrial Parts
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(
tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Power Supply Voltage
VCC
3.0
3.3
3.6
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.4
V
DC ELECTRICAL CHARACTERISTICS
(tA: See Note 10) (VCC = 3.3V
± 0.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Leakage Current
IIL
-2.0
+2.0
mA
I/O Leakage Current CE
³ VIH £ VCC
IIO
-1.0
+1.0
mA
Output Current @ 2.2V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CEU , CEL =2.2V
ICCS1
100
450
mA
Standby Current CEU , CEL =VCC-0.2V
ICCS2
60
250
mA
Operating Current
ICCO1
100
mA
Write Protection Voltage
VTP
2.8
2.9
3.0
V
CAPACITANCE
(
tA = +25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
20
25
pF
Input/Output Capacitance
CI/O
510
pF


Similar Part No. - DS1258WP-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100 MAXIM-DS1258W-100 Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100# MAXIM-DS1258W-100# Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100IND MAXIM-DS1258W-100IND Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100IND# MAXIM-DS1258W-100IND# Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
More results

Similar Description - DS1258WP-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
logo
Dallas Semiconductor
DS1258Y DALLAS-DS1258Y Datasheet
174Kb / 8P
   128k x 16 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1258AB MAXIM-DS1258AB Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
logo
Maxim Integrated Produc...
DS1212 MAXIM-DS1212 Datasheet
91Kb / 7P
   Nonvolatile Controller x 16 Chip
111899
logo
Dallas Semiconductor
DS1212 DALLAS-DS1212 Datasheet
85Kb / 7P
   Nonvolatile Controller x 16 Chip
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
logo
Integrated Silicon Solu...
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com