Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC102S021 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC102S021
Description  2 Channel, 1 MSPS 12-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC102S021 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC102S021 Datasheet HTML 1Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 2Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 3Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 4Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 5Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 6Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 7Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 8Page - National Semiconductor (TI) ADC102S021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Block Diagram
20125207
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Description
ANALOG I/O
5,4
IN1 and IN2
Analog inputs. These signals can range from 0V to V
A.
DIGITAL I/O
8
SCLK
Digital clock input. This clock directly controls the conversion
and readout processes.
7
DOUT
Digital data output. The output samples are clocked out of this
pin on falling edges of the SCLK pin.
6
DIN
Digital data input. The ADC122S101’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
2V
A
Positive supply pin. This pin should be connected to a quiet
+2.7V to +5.25V source and bypassed to GND witha1µF
capacitor and a 0.1 µF monolithic capacitor located within 1
cm of the power pin.
3
GND
The ground return for the analog supply and signals.
www.national.com
2


Similar Part No. - ADC102S021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC102S021 TI-ADC102S021 Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC102S021

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
logo
Analog Devices
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com