Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM24LC16 Datasheet(PDF) 2 Page - Anachip Corp

Part # AM24LC16
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16 Datasheet(HTML) 2 Page - Anachip Corp

  AM24LC16 Datasheet HTML 1Page - Anachip Corp AM24LC16 Datasheet HTML 2Page - Anachip Corp AM24LC16 Datasheet HTML 3Page - Anachip Corp AM24LC16 Datasheet HTML 4Page - Anachip Corp AM24LC16 Datasheet HTML 5Page - Anachip Corp AM24LC16 Datasheet HTML 6Page - Anachip Corp AM24LC16 Datasheet HTML 7Page - Anachip Corp AM24LC16 Datasheet HTML 8Page - Anachip Corp AM24LC16 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
2/10
ATC
Block Diagrams
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE
ADDRESS
REGISTER
&
COMPARATOR
WORD
ADDRESS
COUNTER
H.V.
GENERATION
TIMING
&
CONTROL
XDEC
EEPROM
ARRAY
128x16x8
WP
SDA
SCL
inc
load
ck
start cycle
YDEC
DATA
REGISTER
DOUT
ACK
VCC
VSS
Din
R/W ~ , device address bit A0
Dout
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Storage Temperature
TS
-65 to + 125
°C
Voltage with Respect to Ground
-0.3 to + 6.5
V
NOTE: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage
the part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias
Values
Unit
AM24LC16
0 to + 70
°C
AM24LC16I
-40 to + 85
°C
AM24LC16V
-40 to +125
°C


Similar Part No. - AM24LC16

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC16

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com