Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM24LC16 Datasheet(PDF) 10 Page - Anachip Corp

Part # AM24LC16
Description  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC16 Datasheet(HTML) 10 Page - Anachip Corp

Back Button AM24LC16 Datasheet HTML 2Page - Anachip Corp AM24LC16 Datasheet HTML 3Page - Anachip Corp AM24LC16 Datasheet HTML 4Page - Anachip Corp AM24LC16 Datasheet HTML 5Page - Anachip Corp AM24LC16 Datasheet HTML 6Page - Anachip Corp AM24LC16 Datasheet HTML 7Page - Anachip Corp AM24LC16 Datasheet HTML 8Page - Anachip Corp AM24LC16 Datasheet HTML 9Page - Anachip Corp AM24LC16 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
10/10
ATC
(2) JEDEC Small Outline Package: SOP-8L
VIEW "A"
L
VIEW "A"
B
e
D
7 (4X)
0.015x45
7 (4X)
y
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
-
0.25
0.040
-
0.100
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
-
1.27
-
-
0.050
-
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
-
-
0.10
-
-
0.004
θ
0O
-
8O
0O
-
8O
Marking Information
ATC
24LC16 X
Part Number & grade
Logo
ID code: internal
Year:
Top view
"02" = 2002
"01" = 2001
XX XX X
Nth week: 01~52
)
C
125
~
40
(
V
)
C
85
~
40
(
I
)
C
70
~
0
(
Blank
X
o
o
o
+
-
=
+
-
=
+
=
PDIP/SOP


Similar Part No. - AM24LC16

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC16

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com