Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6969DQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI6969DQ
Description  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6969DQ Datasheet(HTML) 4 Page - Vishay Siliconix

  SI6969DQ Datasheet HTML 1Page - Vishay Siliconix SI6969DQ Datasheet HTML 2Page - Vishay Siliconix SI6969DQ Datasheet HTML 3Page - Vishay Siliconix SI6969DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si6969DQ
Vishay Siliconix
www.vishay.com
2-4
Document Number: 70828
S-59527—Rev. A, 19-Oct-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 mA
1..0
1.4
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
02468
1
10
30
ID = 4.6 A
0.01
0
1
25
30
5
15
10
30
0.1
0.00
0.2
0.4
0.6
0.8
TJ = 150_C
Threshold Voltage
TJ - Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Time (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-3
10-2
1
10
600
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 115_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
20
10
1.2
TJ = 25_C


Similar Part No. - SI6969DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6969DQ VISHAY-SI6969DQ Datasheet
107Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI6969DQ VISHAY-SI6969DQ_V01 Datasheet
107Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI6969DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com