Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C550BIN40 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C550BIN40
Description  5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C550BIN40 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C550BIN40 Datasheet HTML 1Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 2Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 3Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 4Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 5Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 6Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 7Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 8Page - NXP Semiconductors SC16C550BIN40 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Philips Semiconductors
SC16C550B
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Product data
Rev. 02 — 14 December 2004
5 of 47
9397 750 14446
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 3.
LQFP48 pin configuration.
SC16C550BIB48
002aaa583
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
D5
D6
D7
RCLK
NC
RX
TX
CS0
CS1
CS2
BAUDOUT
NC
RESET
OUT1
DTR
RTS
OUT2
INT
RXRDY
A0
A1
A2
NC


Similar Part No. - SC16C550BIN40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C550BIN40 NXP-SC16C550BIN40 Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
More results

Similar Description - SC16C550BIN40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com