Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7708 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT7708
Description  20 Amp Programmable Next Generation Big Hammer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7708 Datasheet(HTML) 3 Page - Texas Instruments

  PT7708 Datasheet HTML 1Page - Texas Instruments PT7708 Datasheet HTML 2Page - Texas Instruments PT7708 Datasheet HTML 3Page - Texas Instruments PT7708 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT7708/PT7709, PT7742/PT7743
Capacitor Recommendations for
the PT7708/09
Regulators and PT7742/43 Current Boosters
Input Capacitors
The recommended input capacitance is determined by
1.4 ampere minimum ripple current rating and 1500µF
minimum capacitance. Capacitors listed below must be
rated for a minimum of 2x the input voltage with +5V
operation. Ripple current and
≤100mΩ Equivalent Series
Resistance (ESR) values are the major considerations along
with temperature when selecting the proper capacitor.
Output Capacitors
The minimum required output capacitance is 330µF with
a maximum ESR less than or equal to 100m
Ω. Failure to
observe this requirement may lead to regulator instability
or oscillation. Electrolytic capacitors have poor ripple per-
formance at frequencies greater than 400kHz, but excellent
low frequency transient response. Above the ripple fre-
quency ceramic decoupling capacitors are necessary to
improve the transient response and reduce any microproces-
sor high frequency noise components apparent during
higher current excursions. Preferred low ESR type capaci-
tor part numbers are identified in the Table 1 below.
Note: (N/R) is not recommended for this application, due to extremely low Equivalent Series Resistance (ESR)
Table 1 Capacitors Characteristic Data
Tantalum Characteristics
Tantalum capacitors with a minimum 10V rating are
recommended on the output bus, but only the AVX TPS
Series, Sprague 594/595 Series, or Kemet T495/T510 Series.
The AVX TPS Series, Sprague Series or Kemet Series
capacitors are specified over other types due to their
higher surge current, excellent power dissipation and ripple
current ratings. As an example, the TAJ Series by AVX is
not recommended. This series exhibits considerably higher
ESR, reduced power dissipation and lower ripple current
capability. The TAJ Series is a less reliable compared to
the TPS series when determining power dissipation capability.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The suggested minimum quantities per regu-
lator for both the input and output buses are identified.
This is not an extensive capacitor list. The table below is a
selection guide for input and output capacitors. Other capacitor
vendors are available with comparable RMS ripple current rating
and ESR (Equivalent Series Resistance at 100kHz). These
critical parameters are necessary to insure both optimum regulator
performance and long capacitor life.
r
o
t
i
c
a
p
a
Cr
o
t
i
c
a
p
a
C
r
o
t
i
c
a
p
a
C
r
o
t
i
c
a
p
a
Cr
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V/
r
o
d
n
e
V
/
r
o
d
n
e
V
/
r
o
d
n
e
V/
r
o
d
n
e
V
s
e
i
r
e
Ss
e
i
r
e
S
s
e
i
r
e
S
s
e
i
r
e
Ss
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cs
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cs
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Qy
t
i
t
n
a
u
Q
y
t
i
t
n
a
u
Q
y
t
i
t
n
a
u
Qy
t
i
t
n
a
u
Q
g
n
i
k
r
o
Wg
n
i
k
r
o
W
g
n
i
k
r
o
W
g
n
i
k
r
o
Wg
n
i
k
r
o
W
e
g
a
t
l
o
Ve
g
a
t
l
o
V
e
g
a
t
l
o
V
e
g
a
t
l
o
Ve
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
V)
F
µ
(
e
u
l
a
V
)
F
µ
(
e
u
l
a
V
)
F
µ
(
e
u
l
a
V)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Se
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Se
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1m
u
m
i
x
a
M
C
°
5
0
1
m
u
m
i
x
a
M
C
°
5
0
1
m
u
m
i
x
a
M
C
°
5
0
1m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
Re
l
p
p
i
R
e
l
p
p
i
R
e
l
p
p
i
Re
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C)
s
m
r
I
(
t
n
e
r
r
u
C
)
s
m
r
I
(
t
n
e
r
r
u
C
)
s
m
r
I
(
t
n
e
r
r
u
C)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
Pl
a
c
i
s
y
h
P
l
a
c
i
s
y
h
P
l
a
c
i
s
y
h
Pl
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S)
m
m
(
e
z
i
S
)
m
m
(
e
z
i
S
)
m
m
(
e
z
i
S)
m
m
(
e
z
i
S
t
u
p
n
It
u
p
n
I
t
u
p
n
I
t
u
p
n
It
u
p
n
I
s
u
Bs
u
B s
u
B s
u
Bs
u
B
t
u
p
t
u
Ot
u
p
t
u
O
t
u
p
t
u
O
t
u
p
t
u
Ot
u
p
t
u
O
s
u
Bs
u
B s
u
B s
u
Bs
u
B
r
e
b
m
u
N
r
o
d
n
e
Vr
e
b
m
u
N
r
o
d
n
e
V
r
e
b
m
u
N
r
o
d
n
e
V
r
e
b
m
u
N
r
o
d
n
e
Vr
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
g
t
M
e
c
a
f
r
u
S
A
F
V
6
1
V
5
3
V
0
1
V
6
1
0
0
2
2
0
3
3
0
8
6
0
0
8
1
8
3
0
.
0
5
6
0
.
0
0
9
0
.
0
2
3
0
.
0
A
m
0
0
0
2
A
m
5
0
2
1
A
m
5
5
7
A
m
0
0
0
2
5
.
6
1
x
8
1
5
.
6
1
x
5
.
2
1
5
.
2
1
x
0
1
5
1
x
8
1
1
1
1
1
1
1
N
2
2
2
C
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
1
8
6
A
1
A
F
U
E
E
A
2
8
1
C
1
A
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
s
e
i
r
e
S
V
F
L
V
5
2
V
6
1
V
6
1
0
3
3
0
0
2
2
0
7
4
4
8
0
.
0
8
3
0
.
0
4
8
0
.
0
2
4
0
=
2
/
A
m
5
2
8
A
m
0
3
6
1
2
x
A
m
5
2
8
6
1
x
0
1
0
2
x
6
1
6
1
x
0
1
1
1
1
1
L
L
6
1
X
0
1
M
1
3
3
B
V
5
2
V
X
L
L
L
0
2
X
6
1
M
2
2
2
B
V
6
1
V
X
L
L
L
6
1
X
0
1
M
1
7
4
B
V
6
1
V
X
L
n
o
c
i
h
c
i
N
s
e
i
r
e
S
L
P
s
e
i
r
e
S
M
P
V
0
1
V
0
1
V
5
2
0
8
6
0
0
8
1
0
3
3
0
9
0
.
0
4
4
0
.
0
5
9
0
.
0
A
m
0
7
7
A
m
0
2
4
1
A
m
0
5
7
5
1
x
0
1
5
1
x
6
1
5
1
x
0
1
1
1
1
1
6
H
H
M
1
8
6
A
1
L
P
U
6
H
H
M
2
8
1
A
1
L
P
U
6
H
P
M
1
3
3
E
1
L
P
U
S
S
n
o
c
s
O
V
S
V
0
1
V
0
1
0
3
3
0
3
3
6
0
0
.
0
=
4
/
W
5
2
0
.
0
5
0
0
.
0
=
4
/
0
2
0
.
0
A
m
0
0
8
9
>
A
m
0
0
8
9
>
5
.
0
1
x
0
1
6
.
2
1
x
3
.
0
1
4
4
R
/
N
)
e
t
o
N
(
M
0
3
3
S
S
0
1
g
t
M
e
c
a
v
f
u
S
(
M
0
3
3
V
S
0
1
X
V
A
m
u
l
a
t
a
n
a
T
s
e
i
r
e
S
-
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
0
2
=
5
/
0
0
1
.
0
0
6
0
.
0
A
m
0
0
5
3
A
m
6
2
8
1
x
L
3
.
7
x
W
3
.
4
H
1
.
4
5
5
1
1
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
e
u
g
a
r
p
S
m
u
l
a
t
n
a
T
D
4
9
5
/
D
5
9
5
V
0
1
V
0
1
0
3
3
0
8
6
1
1
0
.
0
=
4
/
W
5
4
0
.
0
0
9
0
.
0
A
m
0
0
5
4
>
A
m
0
6
6
1
>
x
L
3
.
7
x
W
7
.
5
H
0
.
4
5
2
1
1
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
t
n
u
o
M
e
c
a
f
r
u
S
T
2
R
0
1
0
0
X
7
8
6
D
5
9
5
t
e
m
e
K
m
u
l
a
t
n
a
T
5
9
4
T
/
0
1
5
T
s
e
i
r
e
S
V
0
1
V
0
1
0
3
3
0
2
2
5
3
0
.
0
0
7
0
.
0
5
3
0
.
0
=
2
/
A
m
0
0
0
2
A
m
0
0
0
2
>
L
3
.
7
x
W
3
.
4
H
0
.
4
x
5
6
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
S
A
0
1
0
M
7
2
2
X
5
9
4
T
t
n
u
o
M
e
c
a
f
r
u
S
p
a
c
s
o
P
o
y
n
a
S
B
P
T
V
0
10
2
20
4
0
.
0
A
m
0
0
0
3x
L
2
.
7
x
W
3
.
4
H
1
.
3
62
M
0
2
2
B
P
T
0
1
t
n
u
o
M
e
c
a
f
r
u
S


Similar Part No. - PT7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7708 TI-PT7708 Datasheet
102Kb / 4P
[Old version datasheet]   20 Amp Current Booster for PT7708 Integrated Switching Regulator
PT7708 TI1-PT7708 Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7708A TI1-PT7708A Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7708C TI1-PT7708C Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
More results

Similar Description - PT7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7701 TI-PT7701 Datasheet
131Kb / 2P
[Old version datasheet]   15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
Texas Instruments
PT7770 TI-PT7770 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
Texas Instruments
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com