Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSS9013G Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSS9013G
Description  20 V NPN general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9013G Datasheet(HTML) 7 Page - NXP Semiconductors

  PSS9013G Datasheet HTML 1Page - NXP Semiconductors PSS9013G Datasheet HTML 2Page - NXP Semiconductors PSS9013G Datasheet HTML 3Page - NXP Semiconductors PSS9013G Datasheet HTML 4Page - NXP Semiconductors PSS9013G Datasheet HTML 5Page - NXP Semiconductors PSS9013G Datasheet HTML 6Page - NXP Semiconductors PSS9013G Datasheet HTML 7Page - NXP Semiconductors PSS9013G Datasheet HTML 8Page - NXP Semiconductors PSS9013G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2004 Aug 10
7
Philips Semiconductors
Product specification
20 V NPN general purpose transistors
PSS9013 series
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
97-02-28
04-06-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - PSS9013G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9012 PHILIPS-PSS9012 Datasheet
91Kb / 9P
   20 V PNP general purpose transistors
2004 Aug 10
PSS9012G PHILIPS-PSS9012G Datasheet
91Kb / 9P
   20 V PNP general purpose transistors
2004 Aug 10
PSS9012H PHILIPS-PSS9012H Datasheet
91Kb / 9P
   20 V PNP general purpose transistors
2004 Aug 10
PSS9014C PHILIPS-PSS9014C Datasheet
59Kb / 7P
   NPN general purpose transistor
2004 Aug 10
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
More results

Similar Description - PSS9013G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9012 PHILIPS-PSS9012 Datasheet
91Kb / 9P
   20 V PNP general purpose transistors
2004 Aug 10
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com