Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN006-20K Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN006-20K
Description  TrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN006-20K Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN006-20K Datasheet HTML 1Page - NXP Semiconductors PSMN006-20K Datasheet HTML 2Page - NXP Semiconductors PSMN006-20K Datasheet HTML 3Page - NXP Semiconductors PSMN006-20K Datasheet HTML 4Page - NXP Semiconductors PSMN006-20K Datasheet HTML 5Page - NXP Semiconductors PSMN006-20K Datasheet HTML 6Page - NXP Semiconductors PSMN006-20K Datasheet HTML 7Page - NXP Semiconductors PSMN006-20K Datasheet HTML 8Page - NXP Semiconductors PSMN006-20K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
PSMN006-20K
TrenchMOS™ ultra low level FET
Product data
Rev. 01 — 30 May 2002
2 of 12
9397 750 09631
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ T
j ≤ 150 °C
-
20
V
ID
drain current (DC)
Tsp =25 °C; VGS = 4.5 V
-
32
A
Ptot
total power dissipation
Tsp =25 °C
-
8.3
W
Tj
junction temperature
-
150
°C
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID = 5 A; Tj =25 °C
4.2
5
m
VGS = 2.5 V; ID = 5 A; Tj =25 °C
4.8
5.7
m
VGS = 1.8 V; ID = 5 A; Tj =25 °C
5.7
8.2
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ Tj ≤ 150 °C
-
20
V
ID
drain current (DC)
Tsp =25 °C; VGS = 4.5 V; Figure 2 and 3
-32
A
VGS
gate-source voltage
-
±10
V
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-60
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
-
8.3
W
Tstg
storage temperature
-
150
°C
Tj
operating junction temperature
−55
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tsp =25 °C
-
7.5
A
ISM
peak source (diode forward) current Tsp =25 °C; pulsed; tp ≤ 10 µs
-
30
A


Similar Part No. - PSMN006-20K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN006-20K NXP-PSMN006-20K Datasheet
191Kb / 12P
   N-channel TrenchMOS SiliconMAX ultra low level FET
Rev. 01-17 November 2009
logo
Nexperia B.V. All right...
PSMN006-20K NEXPERIA-PSMN006-20K Datasheet
691Kb / 12P
   N-channel TrenchMOS SiliconMAX ultra low level FET
Rev. 01 - 17 November 2009
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
More results

Similar Description - PSMN006-20K

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV40UN ZPSEMI-PMV40UN Datasheet
186Kb / 3P
   TrenchMOS??ultra low level FET
logo
NXP Semiconductors
PMN27UN PHILIPS-PMN27UN Datasheet
237Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-27 September 2002
PMN34UN PHILIPS-PMN34UN Datasheet
234Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-26 February 2003
PMV40UN PHILIPS-PMV40UN Datasheet
241Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-05 August 2003
PMN28UN PHILIPS-PMN28UN Datasheet
237Kb / 12P
   TrenchMOS??ultra low level FET
Rev. 01-27 September 2002
logo
Nexperia B.V. All right...
PMN28UN NEXPERIA-PMN28UN Datasheet
341Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMV40UN NEXPERIA-PMV40UN Datasheet
345Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 05 August 2003
PMV30UN NEXPERIA-PMV30UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 25 June 2003
PH2520U NEXPERIA-PH2520U Datasheet
699Kb / 12P
   N-channel TrenchMOS ultra low level FET
Rev. 03 - 2 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com