Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7142L-2A Datasheet(PDF) 4 Page - NEC

Part # PS7142L-2A
Description  8 PIN DIP SOLID STATE RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7142L-2A Datasheet(HTML) 4 Page - NEC

  PS7142L-2A Datasheet HTML 1Page - NEC PS7142L-2A Datasheet HTML 2Page - NEC PS7142L-2A Datasheet HTML 3Page - NEC PS7142L-2A Datasheet HTML 4Page - NEC PS7142L-2A Datasheet HTML 5Page - NEC PS7142L-2A Datasheet HTML 6Page - NEC PS7142L-2A Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7142-2A, PS7142L-2A
TURN-ON TIME DISTRIBUTION
Turn-on Time, Ton (ms)
Turn-off Time, Toff (ms)
TURN-OFF TIME DISTRIBUTION
TURN-ON TIME vs.
FORWARD CURRENT
Forward Current, IF (mA)
Forward Current, IF (mA)
TURN-OFF TIME vs.
FORWARD CURRENT
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
On-State Resistance, RON (
Ω)
ON-STATE RESISTANCE DISTRIBUTION
2.0
2.5
3.0
1.5
1.0
0.5
0.0
-25
0
25
75
100
50
Normalized to 1.0
at TA = 25
°C,
IF = 10 mA,
IL = 10 mA
20
25
3.0
15
10
5
0
7.0
6.5
8.0
7.5
8.5
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
8
10
12
6
4
2
0
510
20
30
25
15
VL = 5V,
RL = 500 k
0.30
0.20
0.25
0.15
0.10
0.05
0
510
20
25
30
15
VL = 5 V,
RL = 500
20
25
3.0
15
10
5
0
0.4
0.3
0.6
0.5
0.7
n = 50 pcs,
IF = 10 mA,
VL = 5 V,
RL = 500
20
25
3.0
15
10
5
0
0.03
0.04
n = 50 pcs,
IF = 10 mA,
VL = 5 V,
RL = 500


Similar Part No. - PS7142L-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142L-2A CEL-PS7142L-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142L-2A RENESAS-PS7142L-2A Datasheet
253Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7142L-2A-A CEL-PS7142L-2A-A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7142L-2A-E3 CEL-PS7142L-2A-E3 Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7142L-2A-E3-A CEL-PS7142L-2A-E3-A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7142L-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
California Eastern Labs
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
NEC
PS7112-1A NEC-PS7112-1A_01 Datasheet
53Kb / 6P
   6 PIN DIP SOLID STATE RELAY
PS7342C-1A NEC-PS7342C-1A Datasheet
55Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
NEC
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PS7122-2B NEC-PS7122-2B Datasheet
25Kb / 2P
   8 PIN DIP TYPE OPTO-COUPLED SOLID DTATE RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com