Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C32160 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C32160
Description  3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C32160 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C32160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C32160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C32160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C32160 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI3C32160
3.3V,HighBandwidth,16:32-Bit,
PCIHot-PlugMux/DemuxBusSwitch
3
PS8453F
03/09/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
0
6
1
2
3
C
3
I
P
m
o
C
.
n
i
M.
x
a
Ms
ti
n
U
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
AX B
o
t
X B
, X A
o
t
X
CL
F
p
0
5
=
RL
0
0
5
=
—0
5
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B
E
B X A
o
t
X
B
r
o X
CL
F
p
0
5
=
RL
0
0
5
=
0
0
5
=
R
5
.
15
.
6
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B
E
B X A
o
t
X
B
r
o X
5
.
15
.
5
PowerSupplyCharacteristics
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC=3.3V,+25°Cambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
SwitchingCharacteristicsoverOperatingRange
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used
in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
ei
u
Q
V C
C
.
x
a
M
=
V N
I
V
r
o
D
N
G
=
C
C
—0
6
20
5
8
A
µ
∆I C
C
H
G
I
H
L
T
T
@
t
u
p
n
I
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
V C
C
.
x
a
M
=
V N
I
V
0
.
3
=
)
3
(
——
0
5
7


Similar Part No. - PI3C32160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32384 PERICOM-PI3C32384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C32160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT32160C RENESAS-HD74CBT32160C Datasheet
228Kb / 11P
   16-bit to 32-bit Demux PCI Hot-plug Bus Switch
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233 Datasheet
85Kb / 8P
   2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16233 IDT-IDTQS3VH16233_13 Datasheet
265Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16233 RENESAS-IDTQS3VH16233 Datasheet
433Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2013
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI5C32160C PERICOM-PI5C32160C Datasheet
263Kb / 4P
   16-Bit to 32-Bit, DeMux PCI Hot-Plug Bus Switch with 1.5V Undershoot Protection
PI5C32161C PERICOM-PI5C32161C Datasheet
206Kb / 4P
   16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with -2V Undershoot Protection
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3B32160 PERICOM-PI3B32160 Datasheet
296Kb / 4P
   3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com