Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH7030L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PH7030L
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH7030L Datasheet(HTML) 1 Page - NXP Semiconductors

  PH7030L Datasheet HTML 1Page - NXP Semiconductors PH7030L Datasheet HTML 2Page - NXP Semiconductors PH7030L Datasheet HTML 3Page - NXP Semiconductors PH7030L Datasheet HTML 4Page - NXP Semiconductors PH7030L Datasheet HTML 5Page - NXP Semiconductors PH7030L Datasheet HTML 6Page - NXP Semiconductors PH7030L Datasheet HTML 7Page - NXP Semiconductors PH7030L Datasheet HTML 8Page - NXP Semiconductors PH7030L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using
TrenchMOS™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
PH7030L
N-channel TrenchMOS™ logic level FET
Rev. 04. — 7 March 2005
Product data sheet
s Low thermal resistance
s S08 equivalent area footprint
s Logic level gate drive
s Low on-state resistance.
s DC-to-DC converters
s Switched-mode power supplies
s Portable appliances
s Notebook computers.
s VDS ≤ 30 V
s ID ≤ 68 A
s RDSon ≤ 7.9 mΩ
s Ptot ≤ 62.5 W.
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1, 2, 3
source
SOT669 (LFPAK)
4
gate
mb
mounting base; connected to drain
mb
1234
S
D
G
mbb076


Similar Part No. - PH7030L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH7030L NXP-PH7030L Datasheet
185Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 05-29 June 2009
More results

Similar Description - PH7030L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com