Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX16PCI952-TQFP-A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OX16PCI952-TQFP-A
Description  Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16PCI952-TQFP-A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OX16PCI952-TQFP-A Datasheet HTML 1Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 2Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 3Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 4Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 5Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 6Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 7Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16PCI952-TQFP-A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
DataSheet Revision 1.1
Page 4
OX16PCI952
OXFORD SEMICONDUCTOR LTD.
1 PERFORMANCE COMPARISON
Feature
OX16PCI952
16C552 + PCI
Bridge
16C652 + PCI
Bridge
Internal serial channels
2
0
0
Integral 1284 Compliant parallel port
yes
no
no
Multi-function PCI device
yes
no
no
Support for PCI Power Management
yes
no
no
Zero wait-state read/write operation
yes
no
no
No. of available external interrupt pins
2
2
2
DWORD access to UART Interrupt Source
Registers & FIFO Levels
yes
no
no
Good-Data status
yes
no
no
Full Plug and Play with external EEPROM
yes
yes
yes
External 1x baud rate clock
yes
no
no
Max baud rate in normal mode
15 Mbps
115 Kbps
1.5 Mbps
Max baud rate in 1x clock mode
60 Mbps
n/a
n/a
FIFO depth
128
16
64
Sleep mode
yes
no
yes
Auto Xon/Xoff flow
yes
no
yes
Auto CTS#/RTS# flow
yes
no
yes
Auto DSR#/DTR# flow
yes
no
no
No. of Rx interrupt thresholds
128
4
4
No. of Tx interrupt thresholds
128
1
4
No. of flow control thresholds
128
n/a
4
Transmitter empty interrupt
yes
no
no
Readable status of flow control
yes
no
no
Readable FIFO levels
yes
no
no
Clock prescaler options
248
n/a
2
Rx/Tx disable
yes
no
no
Software reset
yes
no
no
Device ID
yes
no
no
9-bit data frames
yes
no
no
RS485 buffer enable
yes
no
no
Infra-red (IrDA)
yes
no
yes
Table 1: OX16PCI952 performance compared with PCI Bridge + generic UART/Parallel Port Combinations.
1.1
Improvements of the OX16PCI952 over discrete solutions:
Higher degree of integration:
The
OX16PCI952
offers
two
internal
ultra-high
performance 16C950 UARTs and one IEEE1284 compliant
bi-directional parallel port.
UART device driver efficiency is increased by using each
channel’s features such as the 128-byte deep transmitter &
receiver FIFOs, flexible clock options, automatic flow
control, programmable interrupt and flow control trigger
levels and readable FIFO levels. Data rates of each UART
is up to 60Mbps.
Improved access timing:
Access to the internal UARTs require zero or one PCI wait
states. A PCI read transaction from an internal UART can
complete within five PCI clock cycles and a write
transaction to an internal UART can complete within four
PCI clock cycles.
Reduces interrupt latency:
The OX16PCI952 offers shadowed FIFO levels and
Interrupt status registers of the internal UARTs, as well as
general device interrupt status, to reduce the device driver
interrupt latency.


Similar Part No. - OX16PCI952-TQFP-A

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16PCI952-TQFP-A OXFORD-OX16PCI952-TQFP-A Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
More results

Similar Description - OX16PCI952-TQFP-A

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16PCI952 OXFORD-OX16PCI952_05 Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
OX16PCI952 OXFORD-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI954 OXFORD-OXMPCI954 Datasheet
770Kb / 121P
   Integrated High Performance Quad UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
   Integrated Parallel Port and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
   Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com