Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10C8058QI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MX10C8058QI
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8058QI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MX10C8058QI Datasheet HTML 2Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 3Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 4Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 9Page - List of Unclassifed Manufacturers MX10C8058QI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
DC CHARACTERISTICS (Over Operating Conditions)
All parameter values apply to all devices unless otherwise indicated.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 4)
VIL
Input Low Voltage
-0.5
0.2 VCC-0.1
V
VIL1
Input Low Voltage EA
0
0.2 VCC-0.3
V
VIH
Input High Voltage
0.2 VCC+0.9
VCC+0.5
V
(Except XTAL1, RST)
VIH1
Input High Voltage
0.7 VCC
VCC+0.5
V
(XTAL1, RST)
VOL
Output Low Voltage (Note 5)
(Ports 1, 2, and 3)
0.4
V
IOL=1.6 mA (Note 1)
VOL1
Output Low Voltage (Note 5)
(Port 0, ALE, PSEN)
0.4
V
IOL=3.2 mA (Note 1)
VOH
Output High Voltage
0.9 VDD
V
IOH=-10 uA
(Port 1, 2 and 3, ALE, PSEN)
0.75 VDD
V
IOH=-30 uA
0.5 VDD
V
IOH=-60uA
VOH1
Output High Voltage
0.9 VDD
V
IOH=-80 uA
(Port 0 in External Bus Mode)
0.75 VDD
V
IOH=-300 uA
0.5 VDD
V
IOH=-800 uA
IIL
Logical 0 Input Current
-50
uA
VIN=0.4V
(Ports 1, 2 and 3)
ILI
Input leakage Current (Port 0)
±
10
uA
VIN=VIL or VIH
ITL
Logical 1 to 0 Transition Current
-750
uA
VIN=2V
(Ports 1, 2 and 3)
Industrial
PRST
RST Pulldown Resistor
15
150
K ohm
CIO
Pin Capacitance
10
pF
@1 MHz, 25°C
ICC
Power Supply Current:
(Note 3)
Active Mode at 40 MHz
60
mA
Idle Mode at 40 MHz(70°C 5.5V)
28
mA
Power Down Mode
2
10
uA
NOTES:
1. Capacitive loading on Ports 0 and 2 may cause noise pulses above 0.4V to be superimposed on the VOLs of ALE and Ports 1, 2 and 3. The
noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins change from 1 to 0. In applications
where capacitive loading exceeds 100 pF, the noise pulses on these signlas may exceed 0.8V. It may be desirable to qualify ALE or other
signals with a Schmitt Triggers, or CMOS-level input logic.
2. Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 0.9 VCC specification when the address lines are
stabilizing.
3. Minimum VCC for Power Down is 2V.
4. Typicals are based on a limited number of samples and are not guaranteed. The values listed are room temperature and 5V.
5. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
10mA
Maximum IOL per 8-bit port:
Port 0:
26mA
Ports 1, 2 and 3:
15mA
Maximum total IOL for all output pins:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test
conditions.


Similar Part No. - MX10C8058QI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8058QI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com