Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZL5V6AXV3T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NZL5V6AXV3T1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZL5V6AXV3T1 Datasheet(HTML) 5 Page - ON Semiconductor

  NZL5V6AXV3T1 Datasheet HTML 1Page - ON Semiconductor NZL5V6AXV3T1 Datasheet HTML 2Page - ON Semiconductor NZL5V6AXV3T1 Datasheet HTML 3Page - ON Semiconductor NZL5V6AXV3T1 Datasheet HTML 4Page - ON Semiconductor NZL5V6AXV3T1 Datasheet HTML 5Page - ON Semiconductor NZL5V6AXV3T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NZL5V6AXV3T1 Series
http://onsemi.com
5
INFORMATION FOR USING THE SC - 89 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SC - 89
0.53
1.10
0.50
0.53
Dimensions in Millimeters
SC - 89 POWER DISSIPATION
The power dissipation of the SC-89 is a function of the
drain pad size. This can vary from the minimum pad size
for soldering to a pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction
temperature of the die, RθJA, the thermal resistance from
the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data
sheet for the SC-89 package, PD can be calculated as
follows:
PD =
TJ(max) - TA
RθJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device which
in this case is 240 milliwatts.
PD =
150
°C - 25°C
= 240 milliwatts
525
°C/W
The 525
°C/W for the SC-89 package assumes the use of
the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of TBD milliwatts.
There are other alternatives to achieving higher power
dissipation from the SC-89 package. Another alternative
would be to use a ceramic substrate or an aluminum core
board such as Thermal Clad®. Using a board material such
as Thermal Clad, an aluminum core board, the power
dissipation can be doubled using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference shall be a maximum of 10
°C.
• The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient shall be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Similar Part No. - NZL5V6AXV3T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZL5V6AXV3T1 ONSEMI-NZL5V6AXV3T1 Datasheet
68Kb / 6P
   Zener Voltage Regulators (SC-89 Dual Common Anode Zeners for ESD Protection)
June, 2003 - Rev. 0
NZL5V6AXV3T1 ONSEMI-NZL5V6AXV3T1 Datasheet
76Kb / 6P
   Dual Common Anode ESD Protection Diodes SC??9 Package
February, 2007 ??Rev. 5
NZL5V6AXV3T1G ONSEMI-NZL5V6AXV3T1G Datasheet
76Kb / 6P
   Dual Common Anode ESD Protection Diodes SC??9 Package
February, 2007 ??Rev. 5
NZL5V6AXV3T1 ONSEMI-NZL5V6AXV3T1_07 Datasheet
76Kb / 6P
   Dual Common Anode ESD Protection Diodes SC??9 Package
February, 2007 ??Rev. 5
More results

Similar Description - NZL5V6AXV3T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com