Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10C8054PI Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MX10C8054PI
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8054PI Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MX10C8054PI Datasheet HTML 4Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 9Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 10Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 11Page - List of Unclassifed Manufacturers MX10C8054PI Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters. The first charac-
ter is always a "T" (stands for time). The other charac-
ters, depending on their positions, stand for the name of
a signal or the logical status of that signal. The following
is a list of all the characters and what they stand for.
A: Address
C: Clock
D: Input Data
H: Logic level HIGH
L: Logic level LOW, or ALE
P: PSEN
Q: Output Data
R: RD signal
T: Time
V: Valid
W: WR signal
X: No longer a valid logic level
Z: Float
For example,
TAVLL = Time from Address Valid to ALE Low
TLLPL = Time from ALE Low to PSEN Low
MX10C805X
RST
(NC)
XTAL2
XTAL1
VSS
VCC
VCC
VCC
ICC
Figure 8. ICC Test Condition, Power Down Mode
VCC=2.0V to 6.0V
All other pins disconnected
P0
EA
0.45V
0.2 VCC-0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
VCC-0.5
0.7 VCC
Figure 9. Clock Signal Waveform for ICC Tests in Active and Idle Modes.
TCLCH = TCHCL = 5 ns


Similar Part No. - MX10C8054PI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8054PI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com