Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10C8050PI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MX10C8050PI
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8050PI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MX10C8050PI Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 9Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 10Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 11Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 12Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 13Page - List of Unclassifed Manufacturers MX10C8050PI Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
External clock drive XTAL
SYMBOL
PARAMETER
VARIABLE CLOCK
UNIT
MIN
MAX
fCLK
clock frequency
1.2
16 (tbf.)
MHz
tCLCL
clock period
63
833
ns
tCHCX
HIGH time
20
tCK-tCLCX
ns
tCLCX
LOW time
20
tCK-tCHCX
ns
tCLCH
RISE time
-
20
ns
tCHCL
FALL time
-
20
ns
tCY
cycle time (tCY = 12 tCK)
0.75
10
ms
SERIAL PORT CHARACTERISTICS
Serial Port Timing : Shift Register Mode
VDD = 5V±10%; VSS = 0V; Tamb=0°C; Load Capacitance = 80 pF
SYMBOL
PARAMETER
33 MHz OSCILLATOR
UNIT
MIN
MAX
tXLXL
Serial Port clock cycle time
360
-
ns
tQVXH
Output data setup to clock rising edge
167
-
ns
tXHQX
Output data hold after clock rising edge
5
-
ns
tXHDX
Input data hold after clock rising edge
0
-
ns
tXHDV
Clock rising edge to input data valid
-
167
ns
EXTERNAL CLOCK DRIVE WAVEFORM
AC TESTING INPUT, OUTPUT WAVEFORMS
FLOAT WAVEFORM
0.45V
0.2 VCC-0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
VCC-0.5
0.7 VCC
0.2 VCC+0.9
AC Inputs during testing are driven at VCC-0.5V for a
Logic "1" 0.45V for a Logic "0". Timing measurements
are made at VIH min for a Logic "1" and VIL max for a
Logic "0".
0.2 VCC-0.1
0.45V
VCC-0.5
VLOAD
TIMING REFERENCE
POINTS
VLOAD-0.1V
VLOAD+0.1V
VOL+0.1V
VOH-0.1V
For timing purposes a port pin is no longer floating when a 100 mV
change from load voltage occurs, and begins to float when a 100mV
change form the loaded VOH/VOL level occurs. IOL/IOH = + 20 mA


Similar Part No. - MX10C8050PI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8050PI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com