Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57606DD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE57606DD
Description  2 to 4 cell redundant Lithium-ion overcharge monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57606DD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NE57606DD Datasheet HTML 4Page - NXP Semiconductors NE57606DD Datasheet HTML 5Page - NXP Semiconductors NE57606DD Datasheet HTML 6Page - NXP Semiconductors NE57606DD Datasheet HTML 7Page - NXP Semiconductors NE57606DD Datasheet HTML 8Page - NXP Semiconductors NE57606DD Datasheet HTML 9Page - NXP Semiconductors NE57606DD Datasheet HTML 10Page - NXP Semiconductors NE57606DD Datasheet HTML 11Page - NXP Semiconductors NE57606DD Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product data
NE57606
2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
8
SL01862
C4
C3
C2
VCC
CDLY
0.1
µF
1 k
0.1
µF
10 k
0.1
µF
10 k
VC4
VC3
VC2
VC1
100
0.1
µF
OUT
GND
1
23
5
6
7
8
0.22
µF
C1
0.1
µF
10 k
4
DISCHARGE
FET
CHARGE
FET
47 k
10 k
10 k
V+
330
VCC DF
CS
CF
910 k
NE57605
CDLY(UV)
CDLY(OV)
CDLY(OC)
V–
CON
GND
0.1
µF
VC3
0.1
µF
1 k
0.1
µF
1 k
0.1
µF
1 k
VC2
VC1
SYSTEM GROUND
0.1
µF
330
NE57606
SEL
VC4
1
7
9
8
13
10
15
16
17
18
11
20
5
3
REDUNDANT
CHARGE
FET
10 k
10 k
910 k
CHARGE SHUTDOWN
Figure 4. Double-redundantly protected 4-cell Li-ion battery pack (completely redundant system)
The circuit in Figure 4 shows how to implement a completely
isolated design. None of the components are shared and a failure in
any part of one circuit will not affect the operation of the other. By
also not sharing input noise filter components, the failure of the IC
due to an input failure or an open circuit will not affect the protection
provided by the other circuit.


Similar Part No. - NE57606DD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57600 PHILIPS-NE57600 Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600BD PHILIPS-NE57600BD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600CD PHILIPS-NE57600CD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600DD PHILIPS-NE57600DD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600ED PHILIPS-NE57600ED Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
More results

Similar Description - NE57606DD

ManufacturerPart #DatasheetDescription
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
logo
Texas Instruments
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
logo
List of Unclassifed Man...
26650 ETC1-26650 Datasheet
586Kb / 2P
   Lithium Ion Power Cell
logo
Samsung semiconductor
ICR18650-26J SAMSUNG-ICR18650-26J Datasheet
822Kb / 23P
   Lithium-ion Rechargeable Cell
2016/07/01
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
logo
HYCON Technology Corpor...
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
   1-Cell Lithium-ion/Lithium Polymer
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
   1-Cell Lithium-ion/Lithium Polymer
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com