Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10C8052PC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MX10C8052PC
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8052PC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MX10C8052PC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 9Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 10Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 11Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 12Page - List of Unclassifed Manufacturers MX10C8052PC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
AC CHARACTERISTICS
(Over Operating Conditions, Load Capacitance for Port 0, ALE/PROG and PSEN = 100 pF, Load Capacitance for All
Other Outputs = 80 pF)
tCK min. = 1/f max. (maximum operating frequency); tCK=clock period
SYMBOL
PARAMETER
33 MHz
UNIT
MIN
MAX
EXTERNAL PROGRAM MEMORY
TLHLL
ALE PULSE DURATION
20
-
NS
TAVLL
ADDRESS SET-UP TIME TO ALE
17
-
NS
TLLAX
ADDRESS HOLD TIME AFTER ALE
10
-
NS
TLLIV
TIME FROM ALE TO VALID INSTRUCTION INPUT
-
55
NS
TLLPL
TIME FROM ALE TO CONTROL PULSE PSEN
17
-
NS
TPLPH
CONTROL PULSE DURATION PSEN
70
-
NS
TPLIV
TIME FROM PSEN TO VALID INSTRUCTION INPUT
-
12
NS
TPXIX
INPUT INSTRUCTION HOLD TIME AFTER PSEN
0
-
NS
TPXIZ
INPUT INSTRUCTION FLOAT DELAY AFTER PSEN
-
20
NS
TAVIV
ADDRESS TO VALID INSTRUCTION INPUT
-
95
NS
TPLAZ
TO PSEN ADDRESS FLOAT TIME
-
10
NS
EXTERNAL DATA MEMORY
TLHLL
ALE PULSE DURATION
20
-
NS
TAVLL
ADDRESS SET-UP TIME TO ALE
17
-
NS
TLLAX
ADDRESS HOLD TIME AFTER ALE
10
-
NS
TRLRH
RD PULSE DURATION
80
-
NS
TWLWH
WR PULSE DURATION
80
-
NS
TRLDV
RD TO VALID DATA INPUT
-
60
NS
TRHDX
DATA HOLD TIME AFTER RD
0
-
NS
TRHDZ
DATA FLOAT DELAY AFTER RD
32
-
NS
TLLDV
TIME FROM ALE TO VALID DATA INPUT
-
90
NS
TAVDV
ADDRESS TO VALID INPUT
-
105
NS
TLLWL
TIME FROM ALE TO RD OR WR
40
140
NS
TAVWL
TIME FROM ADDRESS TO RD OR WR
45
-
NS
TWHLH
TIME FROM RD OR WR HIGH TO ALE HIGH
10
55
NS
TQVWX
DATA VALID TO WR TRANSITION
10
-
NS
TQVWH
DATA SET-UP TIME BEFORE WR
125
-
NS
TWHQX
DATA HOLD TIME AFTER WR
10
-
NS
TRLAZ
ADDRESS FLOAT DELAY AFTER RD
-
0
NS
NOTE:
1. The maximun operating frequency is limited to 40 MHz and the minimum to 3.5 MHz.


Similar Part No. - MX10C8052PC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8052PC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com