Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3254A-24U6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # UPSD3254A-24U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254A-24U6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UPSD3254A-24U6T Datasheet HTML 5Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 6Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 7Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 8Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 9Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 10Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 11Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 12Page - STMicroelectronics UPSD3254A-24U6T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
9/176
µPSD325X DEVICES
RESET TIMING AND DEVICE STATUS AT RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Warm RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
I/O Pin, Register and PLD Status at RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Reset of Flash Memory Erase and Program Cycles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Reset (RESET) Timing (Figure 71.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Status During Power-on RESET, Warm RESET and Power-down Mode (Table 105.). . . . . . . . . 141
PROGRAMMING IN-CIRCUIT USING THE JTAG SERIAL INTERFACE . . . . . . . . . . . . . . . . . . . . . 142
Standard JTAG Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
JTAG Port Signals (Table 106.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
JTAG Extensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
Security and Flash memory Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
INITIAL DELIVERY STATE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
AC/DC PARAMETERS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
PLD ICC /Frequency Consumption (5V range) (Figure 72.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
PLD ICC /Frequency Consumption (3V range) (Figure 73.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
PSD MODULE Example, Typ. Power Calculation at VCC = 5.0V (Turbo Mode Off) (Table 107.) . 144
MAXIMUM RATING. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
Absolute Maximum Ratings (Table 108.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
DC AND AC PARAMETERS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146
Operating Conditions (5V Devices) (Table 109.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146
Operating Conditions (3V Devices) (Table 110.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146
AC Symbols for Timing (Table 111.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Switching Waveforms – Key (Figure 74.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
DC Characteristics (5V Devices) (Table 112.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
DC Characteristics (3V Devices) (Table 113.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
External Program Memory READ Cycle (Figure 75.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
External Program Memory AC Characteristics (with the 5V MCU Module) (Table 114.) . . . . . . . 152
External Program Memory AC Characteristics (with the 3V MCU Module) (Table 115.) . . . . . . . 153
External Clock Drive (with the 5V MCU Module) (Table 116.) . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
External Clock Drive (with the 3V MCU Module) (Table 117.) . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
External Data Memory READ Cycle (Figure 76.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 154
External Data Memory WRITE Cycle (Figure 77.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 154
External Data Memory AC Characteristics (with the 5V MCU Module) (Table 118.). . . . . . . . . . . 155
External Data Memory AC Characteristics (with the 3V MCU Module) (Table 119.). . . . . . . . . . . 156
A/D Analog Specification (Table 120.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 156
Input to Output Disable / Enable (Figure 78.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
CPLD Combinatorial Timing (5V Devices) (Table 121.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
CPLD Combinatorial Timing (3V Devices) (Table 122.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
Synchronous Clock Mode Timing – PLD (Figure 79.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
CPLD Macrocell Synchronous Clock Mode Timing (5V Devices) (Table 123.) . . . . . . . . . . . . . . . 158
CPLD Macrocell Synchronous Clock Mode Timing (3V Devices) (Table 124.) . . . . . . . . . . . . . . . 159
Asynchronous RESET / Preset (Figure 80.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160


Similar Part No. - UPSD3254A-24U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3254A-24U6T STMICROELECTRONICS-UPSD3254A-24U6T Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A-24U6T STMICROELECTRONICS-UPSD3254A-24U6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3254A-24U6T STMICROELECTRONICS-UPSD3254A-24U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
More results

Similar Description - UPSD3254A-24U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com