Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9300BL Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT9300BL
Description  Multi-Channel Voice Echo Canceller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9300BL Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT9300BL Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 12Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 13Page - Zarlink Semiconductor Inc MT9300BL Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
MT9300B
Data Sheet
10
Zarlink Semiconductor Inc.
Non-Linear Processor (NLP)
After echo cancellation, there is always a small amount of residual echo which may still be audible. The MT9300B
uses an NLP to remove residual echo signals which have a level lower than the Adaptive Suppression Threshold
(TSUP in G.168). This threshold depends upon the level of the Rin (Lrin) reference signal as well as the
programmed value of the Non-Linear Processor Threshold register (NLPTHR). TSUP can be calculated by the
following equation:
TSUP = Lrin + 20log10(NLPTHR)
where NLPTHR is the Non-Linear Processor Threshold register value and Lrin is the relative power level expressed
in dBm0.
When the level of residual error signal falls below TSUP, the NLP is activated further attenuating the residual signal
by an additional 36 dB. To prevent a perceived decrease in background noise due to the activation of the NLP, a
spectrally-shaped comfort noise, equivalent in power level to the background noise, is injected. This keeps the
perceived noise level constant. Consequently, the user does not hear the activation and de-activation of the NLP.
The NLP processor can be disabled by setting the NLPDis bit to “1” in Control Register 2.
The NLPTHR register is 16 bits wide. The register value in hexadecimal can be calculated with the following
equation:
NLPTHR(hex) = hex(NLPTHR(dec) * 32768)
where 0 < NLPTHR(dec) < 1
The comfort noise injector can be disabled by setting the INJDis bit to “1” in Control Register A1/B1. It should be
noted that the NLPTHR is valid and the comfort noise injection is active only when the NLP is enabled.
If the comfort noise injector is unable to correctly match the level of the background noise (because of peculiar
spectral characteristics, for example), the injected level can be fine-tuned using the Noise Scaling register. A
neutral value of 80(hex) will prevent any scaling. Values less than 80(hex) will reduce the noise level, values greater
than 80(hex) will increase the noise level. The scaling is done linearly.
Example:
To decrease the comfort noise level
by 3 dB, the register value would be
10 ^ (-3 / 20) * 128
= 0.71 * 128
= 91(dec)
= 5B(hex)
The default factory setting for the Noise Scaling register should be adequate for most operating environments. It is
unlikely that it will need to be changed. It has also been set to a value which will ensure G.168 compliance.
Disable Tone Detector
G.165 recommendation defines the disable tone as having the following characteristics: 2100 Hz (
±21 Hz) sine
wave, a power level between -6 to -31 dBm0, and a phase reversal of 180 degrees (
± 25 degrees) every 450 ms (±
25 ms). If the disable tone is present for a minimum of one second with at least one phase reversal, the Tone
Detector will trigger.
G.164 recommendation defines the disable tone as a 2100 Hz (
±21 Hz) sine wave with a power level between 0 to
-31 dBm0. If the disable tone is present for a minimum of 400 milliseconds, with or without phase reversal, the Tone
Detector will trigger.


Similar Part No. - MT9300BL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9300 MITEL-MT9300 Datasheet
110Kb / 29P
   Multi-Channel Voice Echo Canceller
MT9300AL MITEL-MT9300AL Datasheet
110Kb / 29P
   Multi-Channel Voice Echo Canceller
More results

Similar Description - MT9300BL

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
logo
Mitel Networks Corporat...
MT9300 MITEL-MT9300 Datasheet
110Kb / 29P
   Multi-Channel Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com