Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF2202PT3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBF2202PT3
Description  LOW RDS SMALL SIGNAL MOSFETS TMOS SINGLE P CHANNEL FIELD EFFECT TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF2202PT3 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBF2202PT3 Datasheet HTML 1Page - Motorola, Inc MMBF2202PT3 Datasheet HTML 2Page - Motorola, Inc MMBF2202PT3 Datasheet HTML 3Page - Motorola, Inc MMBF2202PT3 Datasheet HTML 4Page - Motorola, Inc MMBF2202PT3 Datasheet HTML 5Page - Motorola, Inc MMBF2202PT3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBF2202PT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 10 µA)
V(BR)DSS
20
Vdc
Zero Gate Voltage Drain Current
(VDS = 16 Vdc, VGS = 0 Vdc)
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
±100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
1.7
2.4
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 200 mAdc)
(VGS = 4.5 Vdc, ID = 50 mAdc)
rDS(on)
1.5
2.0
2.2
3.5
Ohms
Forward Transconductance (VDS = 10 Vdc, ID = 200 mAdc)
gFS
600
mMhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 V)
Ciss
50
pF
Output Capacitance
(VDS = 5.0 V)
Coss
45
Transfer Capacitance
(VDG = 5.0 V)
Crss
20
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
td(on)
2.5
ns
Rise Time
(VDD = –15 Vdc,
RL =75 Ω ID = 200 mAdc
tr
1.0
Turn–Off Delay Time
RL = 75 Ω, ID = 200 mAdc,
VGEN = –10 V, RG = 6.0 Ω)
td(off)
16
Fall Time
GEN
,
G
)
tf
8.0
Gate Charge (See Figure 5)
(VDS = 16 V, VGS = 10 V,
ID = 200 mA)
QT
2700
pC
SOURCE–DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
0.3
A
Pulsed Current
ISM
0.75
Forward Voltage(2)
VSD
1.5
V
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
TYPICAL CHARACTERISTICS
Figure 1. On Resistance versus Gate–Source Voltage
10
0
VGS, GATE–SOURCE VOLTAGE (VOLTS)
ID = 200 mA
8
6
4
2
0
1
234
5
6
78
9
10
Figure 2. On Resistance versus Temperature
4.0
–40
TEMPERATURE (
°C)
VGS = 10 V
ID = 200 mA
3.5
3.0
2.5
2.0
0
– 20
0
20
40
60
80
100
120
140
160
1.5
1.0
0.5
VGS = 4.5 V
ID = 50 mA


Similar Part No. - MMBF2202PT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF2202PT1 MOTOROLA-MMBF2202PT1 Datasheet
179Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
59Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
MMBF2202PT1G ONSEMI-MMBF2202PT1G Datasheet
59Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
More results

Similar Description - MMBF2202PT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGSF3441XT1 MOTOROLA-MGSF3441XT1 Datasheet
94Kb / 4P
   Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
logo
ON Semiconductor
MGSF3455XT1 ONSEMI-MGSF3455XT1 Datasheet
125Kb / 4P
   Small-Signal MOSFETs Single P-Channel Field Effect Transistors
May, 2013 ??Rev. 2
logo
Motorola, Inc
MGSF3441VT1 MOTOROLA-MGSF3441VT1 Datasheet
102Kb / 6P
   TMOS Single P-channel Field Effect Transistors
logo
ON Semiconductor
MGSF3442XT1 ONSEMI-MGSF3442XT1 Datasheet
129Kb / 4P
   Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 2
MGSF3454XT1 ONSEMI-MGSF3454XT1 Datasheet
156Kb / 6P
   Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 1
logo
Motorola, Inc
MTM50N05 MOTOROLA-MTM50N05 Datasheet
224Kb / 6P
   TMOS IV POWER FIELD EFFECT TRANSISTORS
MTM45N05E MOTOROLA-MTM45N05E Datasheet
1Mb / 6P
   TMOS IV POWER FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
ON Semiconductor
MMDF4207 ONSEMI-MMDF4207 Datasheet
211Kb / 11P
   Dual P-Channel Field Effect Transistors
May, 2013 ??Rev. 3
logo
New Jersey Semi-Conduct...
J174 NJSEMI-J174 Datasheet
80Kb / 1P
   P-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com