Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5210 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MMBT5210
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT5210 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MMBT5210 Datasheet HTML 1Page - Fairchild Semiconductor MMBT5210 Datasheet HTML 2Page - Fairchild Semiconductor MMBT5210 Datasheet HTML 3Page - Fairchild Semiconductor MMBT5210 Datasheet HTML 4Page - Fairchild Semiconductor MMBT5210 Datasheet HTML 5Page - Fairchild Semiconductor MMBT5210 Datasheet HTML 6Page - Fairchild Semiconductor MMBT5210 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Collect or-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
T - AMBIE NT TEMP ERATURE ( C)
A
V
= 45V
°
CB
NPN General Purpose Amplifier
(continued)
0.01
0.1
1
10
100
0
200
400
600
800
1000
1200
30
3
0.3
0.03
- 40
o
C
25
o
C
125
o
C
V
CE = 5.0V
I
C - CO L L E C T O R CURR E N T (m A)
Typical Pulsed Current Gain
vs Collector Current
0.1
1
10
100
0.05
0.10
0.15
0.20
0.25
0.30
- 40
o
C
25
o
C
125
o
C
ββββ = 10
I
C - CO L L E CT O R CURR E N T (m A)
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
ββββ = 10
125
o
C
25
o
C
- 40
o
C
I
C - COL L ECT O R CUR REN T (m A )
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
0.2
0.4
0.6
0.8
1.0
- 40
o
C
25
o
C
125
o
C
V
CE = 5 .0 V
I
C - COL L ECT O R CURRENT (m A)
Base-Emitter ON Voltage vs
Collector Current


Similar Part No. - MMBT5210

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
   PNP (LOW NOISE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT5086 FAIRCHILD-MMBT5086 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
logo
ON Semiconductor
MMBT5087 ONSEMI-MMBT5087 Datasheet
406Kb / 8P
   Low Noise Transistor
logo
Samsung semiconductor
MMBT5087 SAMSUNG-MMBT5087 Datasheet
29Kb / 1P
   PNP (LOW NOISE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT5087 FAIRCHILD-MMBT5087 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT5210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com