Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM54C941N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C941N
Description  Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C941N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C941N Datasheet HTML 1Page - National Semiconductor (TI) MM54C941N Datasheet HTML 2Page - National Semiconductor (TI) MM54C941N Datasheet HTML 3Page - National Semiconductor (TI) MM54C941N Datasheet HTML 4Page - National Semiconductor (TI) MM54C941N Datasheet HTML 5Page - National Semiconductor (TI) MM54C941N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5923
February 1988
MM54C941MM74C941 Octal BuffersLine Receivers
Line Drivers with TRI-STATE
Outputs
General Description
These octal buffers and line drivers are monolithic comple-
mentary MOS (CMOS) integrated circuits with TRI-STATE
outputs These outputs have been specially designed to
drive highly capacitive loads such as bus-oriented systems
These devices have a fan-out of 6 low power Schottky
loads When VCC e 5V inputs can accept true TTL high
and low logic levels
Features
Y
Wide supply voltage range (3V to 15V)
Y
Low power consumption
Y
TTL compatibility (Improved on the inputs)
Y
High capacitive load
Y
TRI-STATE outputs
Y
Input protection
Y
20-pin dual-in-line package
Y
High output drive
Connection and Logic Diagrams
Dual-In-Line Package
TLF5923 – 1
Top View
Order Number MM54C941 or MM74C941
TLF5923 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C941N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
   4-Bit Decade, Binary Counter
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
MM54C902 NSC-MM54C902 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
MM54C903 NSC-MM54C903 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results

Similar Description - MM54C941N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
DM74S940 NSC-DM74S940 Datasheet
117Kb / 2P
   TRI-STATE Buffers/Line Drivers/Line Receivers
54LS244 NSC-54LS244 Datasheet
139Kb / 6P
   Octal TRI-STATEE Buffers/Line Drivers/Line Receivers
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
logo
Hitachi Semiconductor
HD74HCT241 HITACHI-HD74HCT241 Datasheet
58Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com