Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90314AB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MLX90314AB
Description  Programmable Sensor Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314AB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLX90314AB Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90314AB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 4
Rev 2.2
23/Oct/01
Table 1. MLX90314 Electrical Specifications (continued)
DC operating parameters: TA = -40 to 140
oC, V
DD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Units
Coarse gain
CSGN = 110*
20.4
23.0
V/V
CSGN = 111*
33.1
36.6
V/V
Fixed gain control range
0.480
0.970
V/V
Digital Mode & Current Mode Coarse Gain Stage
Course Gain
CSGN = 00
1.05
1.17
V/V
CSGN = 01
1.71
1.89
V/V
CSGN = 10
2.77
3.06
V/V
CSGN = 11
4.48
4.95
V/V
Output voltage span
CSGN[2:2] = 0
4.5
6.5
V
Gain
2.74
3.04
V/V
CSGN[2:2] = 1
6.5
11
V
Gain
7.24
7.86
V/V
Minimum output voltage
-0.2
V
Output source current
2.0
mA
Output sink current
@ 0V output voltage
20
uA
Output resistance
Over complete output range
25
Ohms
Digital mode output span
CSGN[2:2] = 0
6.5
V
CSGN[2:2] = 1
11.0
V
Digital mode step size
VDD = 5V, CSGN[2:2]=0
6.5
mV
VDD = 5V, CSGN[2:2]=1
11.0
mV
Capacitive load VMO pin
10
nF
Current Mode Output Stage
Fixed gain
RSENSE = 24 ohm
8.4
9.3
mA/V
Output current CMO pin
Current mode
27
mA
Current sense resistor
24
Ohms
Digital mode current output span
VDD = 5V
23
mA
Digital mode current step Size
VDD = 5V,RSENSE=24Ù
30
uA
Signal Path ( General)
Overall gain
Voltage mode
98
2100
V/V
Current mode = 24Ù
284
2625
mA/V
Overall non-linearity
-0.25
0.25
%
Ratiometry Error (4.75V – 5.25V)
Overall Gain < 250V/V
-1.75
1.75
%
Overall Gain > 250V/V
-4.6
+4.6
%
Voltage Mode Output Stage ( See Voltage Mode)


Similar Part No. - MLX90314AB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90314LDF MELEXIS-MLX90314LDF Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314LDFBAA-000RE MELEXIS-MLX90314LDFBAA-000RE Datasheet
996Kb / 28P
   Programmable Sensor Interface
More results

Similar Description - MLX90314AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com