Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC862YM8 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC862YM8
Description  DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862YM8 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC862YM8 Datasheet HTML 4Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 5Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 6Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 7Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 8Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 9Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 10Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 11Page - Micrel Semiconductor MIC862YM8 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
September 2004
11
MIC862
MIC862
Micrel
Applications Information
Power Supply Bypassing
Regular supply bypassing techniques are recommended. A
10
µF capacitor in parallel with a 0.1µF capacitor on both the
positive and negative supplies are ideal. For best perfor-
mance all bypassing capacitors should be located as close to
the op amp as possible and all capacitors should be low ESL
(equivalent series inductance), ESR (equivalent series resis-
tance). Surface-mount ceramic capacitors are ideal.
Supply and Loading Resistive Considerations
The MIC862 is intended for single supply applications config-
ured with a grounded load. It is not advisable to operate the
MIC862 under either of the following conditions:
1. A grounded load and split supplies (+/-V)
2. A single supply where the load is terminated
above ground.
Under the above conditions, if the load is less than 20kOhm
and the output swing is greater than 1V(peak), there may be
some instability when the output is sinking current.
Capacitive Load
When driving a large capacitive load, a resistor of 500
Ω is
recommended to be connected between the op-amp output
and the capacitive load to avoid oscillation.


Similar Part No. - MIC862YM8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862YM8 MICREL-MIC862YM8 Datasheet
2Mb / 12P
   Dual Ultra Low Power Op Amp in SOT23-8
logo
Microchip Technology
MIC862YM8-TR MICROCHIP-MIC862YM8-TR Datasheet
968Kb / 24P
   Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
More results

Similar Description - MIC862YM8

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
   Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
   Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
logo
Micrel Semiconductor
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
   Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
   Dual Ultra-Low-Power Op Amp in SOT23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
   160MHz Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com