Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC862BM8 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC862BM8
Description  DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862BM8 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC862BM8 Datasheet HTML 1Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 2Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 3Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 4Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 5Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 6Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 7Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 8Page - Micrel Semiconductor MIC862BM8 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC862
Micrel
MIC862
2
September 2004
Pin Description
Pin Number
Pin Name
Pin Function
1
OUTA
Output: Amplifier A Output
2
INA–
Amplifier A Inverting (Input)
3
INA+
Amplifier A Non-Inverting (Input)
4V–
Negative Supply
5
INB+
Amplifier B Non-Inverting (Input)
6
INB–
Amplifier B Inverting (Input)
7
OUTB
Output: Amplifier B Output
8
V+
Positive Supply
Pin Configuration
1
OUTA
INA–
INA+
V–
8V+
OUTB
INB–
INB+
7
6
5
2
3
4
SOT23-8 (M8)


Similar Part No. - MIC862BM8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862BM8 MICREL-MIC862BM8 Datasheet
2Mb / 12P
   Dual Ultra Low Power Op Amp in SOT23-8
More results

Similar Description - MIC862BM8

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
   Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
   Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
logo
Micrel Semiconductor
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
   Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
   Dual Ultra-Low-Power Op Amp in SOT23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
   160MHz Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com