Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54641FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54641FP
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54641FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54641FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54641FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54641FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54641FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L/FP
MITSUBISHI <CONTROL / DRIVER IC>
CAUTIONS
Since the thermal protection function of this IC may not work in
abnormal status (oscillation, low supply voltage, output short-
circuit, etc.), check the operation in the IC installation status when
using this function.
When the motor back electromotive force is large with the brakes
applied, for example, malfunction may occur in internal parasitic Di.
If flyback current of 1A or more flows, add Schottky Di to the
portion between the output and the GND.
When the IC is used at a high speed for PWM, etc., note that
switching of output results in delay of approx. 10
µs.
8
765
43
21
M
2
VB
10 – 100
µF
IN1
IN2
APPLICATION EXAMPLE
10
9
8
7
6
1
2
3
4
5
M
VB
IN1
IN2
3
10 – 100
µF
M54641L
M54641FP
2
3


Similar Part No. - M54641FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M54641FP RENESAS-M54641FP Datasheet
187Kb / 9P
   Bi-Directional Motor Driver with Brake Function
More results

Similar Description - M54641FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Renesas Technology Corp
M54641L RENESAS-M54641L Datasheet
187Kb / 9P
   Bi-Directional Motor Driver with Brake Function
logo
Mitsubishi Electric Sem...
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
   BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AL MITSUBISHI-M54543AL Datasheet
24Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54544AL MITSUBISHI-M54544AL Datasheet
75Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP MITSUBISHI-M54543AFP Datasheet
74Kb / 4P
   Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54549AL MITSUBISHI-M54549AL Datasheet
206Kb / 4P
   DUAL BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
logo
NTE Electronics
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
   Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
   1.5A MOTOR DRIVER WITH BRAKE FUNCTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com