Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR68C192CP Datasheet(PDF) 5 Page - Exar Corporation

Part # XR68C192CP
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192CP Datasheet(HTML) 5 Page - Exar Corporation

  XR68C192CP Datasheet HTML 1Page - Exar Corporation XR68C192CP Datasheet HTML 2Page - Exar Corporation XR68C192CP Datasheet HTML 3Page - Exar Corporation XR68C192CP Datasheet HTML 4Page - Exar Corporation XR68C192CP Datasheet HTML 5Page - Exar Corporation XR68C192CP Datasheet HTML 6Page - Exar Corporation XR68C192CP Datasheet HTML 7Page - Exar Corporation XR68C192CP Datasheet HTML 8Page - Exar Corporation XR68C192CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
XR68C92/192
5
Rev. P1.10
SYMBOL DESCRIPTION (* 44 TQFP Package)
Symbol
Pin
Signal
Pin Description
44
40
44*
type
OP5
16
14
9
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Configuration Register bit 5:
-RxBRDY - Receive ready signal (Open drain output)
-RxBFULL - Receive FIFO full signal (Open drain output)
OP6
29
26
24
O
Multi-purpose output. General purpose output or Transmit
A holding register empty interrupt (-TxARDY Open drain
output).
OP7
17
15
10
O
Multi-purpose output. General purpose output or Transmit
B holding register empty interrupt (-TxBRDY Open drain
output).
A1-A4
2,4,
1,3,
40,42,
6,7
5,6
44,1
I
Address select lines. To select internal registers.
XTAL1
36
32
30
I
Crystal input 1 or external clock input. A crystal can be
connected to this pin and XTAL2 pin to utilize the internal
oscillator circuit. An external clock can be used to clock
internal circuit and baud rate generator for custom transmis-
sion rates.
XTAL2
37
33
31
O
Crystal input 2 or buffered clock output. See XTAL1.
-RESET
38
34
32
I
Master reset. (active low) A low on this pin will reset all the
outputs and internal registers. The transmitter output and
the receiver input will be disabled during reset time.
GND
22
20
16,17
Pwr
Signal and power ground.
-INT
24
21
18
O
Interrupt output (open drain active low) This pin goes low upon
occurrence of one or more of eight maskable interrupt condi-
tions (when enabled by the interrupt mask register) . CPU can
read the interrupt status register to determine the interrupting
condition(s). This output requires a pull-up resistor.
IP0
8
7
2
I
Multi-purpose input or Channel A Clear-To-Send (-CTSA
active low).
IP1
5
4
43
I
Multi-purpose input or Channel B Clear-To-Send (-CTSB


Similar Part No. - XR68C192CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C192CJ EXAR-XR68C192CJ Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192CV EXAR-XR68C192CV Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR68C192CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com