Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR921VJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # UNR921VJ
Description  Silicon NPN epitaxial planer type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR921VJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button UNR921VJ Datasheet HTML 2Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 3Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 4Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 5Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 6Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 7Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 8Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 9Page - Panasonic Semiconductor UNR921VJ Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
UNR92XXJ Series
6
SJH00039AED
Cob  VCB
IO  VIN
VIN  IO
Cob  VCB
IO  VIN
VIN  IO
Characteristics chart of UNR9214J
IC  VCE
VCE(sat)  IC
hFE  IC
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector to base voltage V
CB (V)
1
3
0.4
10
30
100
300
1 000
3 000
10 000
1.4
1.2
1.0
0.8
0.6
VO
= 5 V
Ta
= 25°C
Input voltage V
IN (V)
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
VO
= 0.2 V
Ta
= 25°C
Output current IO (mA)
0
012
210
48
6
40
120
80
160
140
100
60
20
Ta
= 25°C
IB
= 1.0 mA
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
Collector to emitter voltage V
CE (V)
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
13
100
200
300
400
350
250
150
50
10
30
100
300
1 000
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector to base voltage V
CB (V)
1
3
0.4
10
30
100
300
1 000
3 000
10 000
1.4
1.2
1.0
0.8
0.6
VO
= 5 V
Ta
= 25°C
Input voltage V
IN (V)
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
VO
= 0.2 V
Ta
= 25°C
Output current IO (mA)


Similar Part No. - UNR921VJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR921VJ PANASONIC-UNR921VJ Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
More results

Similar Description - UNR921VJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com