Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8062QH Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8062QH
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8062QH Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8062QH Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8062QH Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8061/VSC8062
2.5Gb/s 16-Bit
Multiplexer/Demultiplexer Chipset
Page 8
G52069-0, Rev 4.3
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Coupling for Inputs
Figure 7: AC-Coupling for DCLK, DCLKN Inputs
DCLK, DCLKN Inputs
Internal biasing will position the reference voltage of approximately -1.32V on both the true and comple-
ment inputs. This input can either be DC-coupled or AC-coupled; it can also be driven single-ended or differen-
tially. Figure 7 shows the configuration for a single-ended, AC-coupling operation. In the case of direct
coupling and single-ended input, it is recommended that a stable VREF for ECL levels be used for the comple-
mentary input.
High-Speed Clock and Serial Data Inputs
It is recommended that all high-speed clock and serial data inputs (CLK/CLKN for the VSC8061; DI/DIN
and CLK/CLKN for the VSC8062) be AC-coupled. Figure 8 shows the configuration for a single-ended AC-
coupling operation.
In most situations, these inputs will have high transition density and little DC offset. However, in cases
where this does not hold, direct DC connection is possible. The following is to assist in this application.
All serial data and clock inputs have the same circuit topology, as shown in Figure 8. The reference voltage
is created by a resistor divider as shown. If the input signal is driven differentially and DC-coupled to the part,
the mid-point of the input signal swing should be centered about this reference voltage and not exceed the max-
imum allowable amplitude. For single-ended, DC-coupling operations, it is recommended the user provide an
external reference voltage which has better temperature and power supply noise rejection than the on-chip resis-
tor divider. The external reference should have a nominal value as indicated in the table and can be connected to
either side of the differential gate.
VTT
DCLK
DCLKN
VCC = GND
VTT = -2V
-1.32V
-1.32V
R| | = 1kΩ
CIN
CSE
VTT
Chip Boundary
CIN typ = 0.1µF
CSE typ = 0.1µF for single-ended applications
ZO
RT = ZO
(Capacitor values are selected for DCLK = 155Mb/s.)


Similar Part No. - VSC8062QH

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FC VITESSE-VSC8021FC Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FI VITESSE-VSC8021FI Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022 VITESSE-VSC8022 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022FC VITESSE-VSC8022FC Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
More results

Similar Description - VSC8062QH

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Vitesse Semiconductor C...
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
   2.5Gb/s, 20-Bit Transceiver
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com