Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8113QB2 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8113QB2
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113QB2 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8113QB2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Table 4: Transmit Data Input Timing Table
(STS-12 Operation)
Table 5: Transmit Data Input Timing Table
(STS-3 Operation)
Note: Duty cycle for TXLSCKOUT is 50% +/- 10% worst case
Figure 10: Receive Data Output Timing Diagram
Table 6: Receive Data Output Timing Table
(STS-12 Operation)
Parameter
Description
Min
Typ
Max
Units
TCLKIN
Transmit data input byte clock period
-
12.86
-
ns
TINSU
Transmit data setup time with respect to TXLSCKIN
1.0
-
-
ns
TINH
Transmit data hold time with respect to TXLSCKIN
1.0
-
-
ns
TPROP
Maximum allowable propagation delay for connecting
TXLSCKOUT to TXLSCKIN
--
3.5
ns
Parameter
Description
Min
Typ
Max
Units
TCLKIN
Transmit data input byte clock period
-
51.44
-
ns
TINSU
Transmit data setup time with respect to TXLSCKIN
1.0
-
-
ns
TINH
Transmit data hold time with respect to TXLSCKIN
1.0
-
-
ns
TPROP
Maximum allowable propagation delay for connecting
TXLSCKOUT to TXLSCKIN
--
30
ns
Parameter
Description
Min
Typ
Max
Units
TRXCLKIN
Receive clock period
-
1.608
-
ns
TRXLSCK
Receive data output byte clock period
-
12.86
-
ns
TRXVALID
Time data on RXOUT [7:0] and FP is valid before and
after the rising edge of RXLSCKOUT
4.0
-
-
ns
TPW
Pulse width of frame detection pulse FP
-
12.86
-
ns
A1
A2
A2
A2
A2
TRXLSCK
TRXCLKIN
RXOUT [7:0]
RXLSCKOUT
RXCLKIN+
RXCLKIN-


Similar Part No. - VSC8113QB2

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114QB VITESSE-VSC8114QB Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114QB1 VITESSE-VSC8114QB1 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114QB2 VITESSE-VSC8114QB2 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8113QB2

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
Agere Systems
1417G5 AGERE-1417G5 Datasheet
149Kb / 12P
   NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
   2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
   2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com