Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN921LJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN921LJ
Description  Silicon NPN epitaxial planer type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN921LJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN921LJ Datasheet HTML 1Page - Panasonic Semiconductor UN921LJ Datasheet HTML 2Page - Panasonic Semiconductor UN921LJ Datasheet HTML 3Page - Panasonic Semiconductor UN921LJ Datasheet HTML 4Page - Panasonic Semiconductor UN921LJ Datasheet HTML 5Page - Panasonic Semiconductor UN921LJ Datasheet HTML 6Page - Panasonic Semiconductor UN921LJ Datasheet HTML 7Page - Panasonic Semiconductor UN921LJ Datasheet HTML 8Page - Panasonic Semiconductor UN921LJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
UNR92XXJ Series
2
SJH00039AED
I Electrical Characteristics T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= 50 V, I
E
= 0
0.1
µA
ICEO
VCE
= 50 V, I
B
= 0
0.5
Emitter
UNR9211J
IEBO
VEB = 6 V, IC = 0
0.5
mA
cutoff
UNR9212J/9214J/921DJ/
0.2
current
921EJ/921MJ/921NJ/921TJ
UNR9213J/921AJ
0.1
UNR9215J/9216J/9217J/
0.01
9210J/921BJ
UNR921FJ/921KJ
1.0
UNR9219J
1.5
UNR9218J/921LJ/921CJ/921VJ
2.0
Collector to base voltage
VCBO
IC
= 10 µA, I
E
= 050
V
Collector to emitter voltage
VCEO
IC = 2 mA, IB = 050
V
Forward UNR9211J
hFE
VCE
= 10 V, I
C
= 5 mA
35
current
UNR9212J/921EJ
60
transfer
UNR9213J/9214J/921AJ/
80
ratio
921CJ/921MJ
UNR9215J/9216J/9217J/
160
460
9210J/921BJ
UNR9218J/921KJ/921LJ
20
UNR9219J/921DJ/921FJ
30
UNR921NJ/921TJ
80
400
UNR921VJ
6
20
Collector to emitter saturation voltage
VCE(sat)
IC
= 10 mA, I
B
= 0.3 mA
0.25
V
High-level output voltage
VOH
VCC
= 5 V, V
B
= 0.5 V, R
L
= 1 kΩ
4.9
V
Low-level output voltage
VOL
VCC = 5 V, VB = 2.5 V, RL = 1 kΩ
0.2
V
UNR9213J/921BJ/921KJ
VCC
= 5 V, V
B
= 3.5 V, R
L
= 1 kΩ
UNR921DJ
VCC
= 5 V, V
B
= 10 V, R
L
= 1 kΩ
UNR921EJ
VCC = 5 V, VB = 6 V, RL = 1 kΩ
UNR921AJ
VCC
= 5 V, V
B
= 5 V, R
L
= 1 kΩ
Transition frequency
fT
VCB
= 10 V, I
E
= −2 mA, f = 200 MHz
150
MHz
Input
UNR9218J
R1
−30%
0.51
+30%
k
resis-
UNR9219J
1
tance
UNR921MJ/921VJ
2.2
UNR9216J/921FJ/921LJ/921NJ
4.7
UNR9211J/9214J/9215J/921KJ
10
UNR9212J/9217J/921TJ
22
UNR9213J/9210J/921DJ/921EJ
47
UNR921AJ/921BJ
100


Similar Part No. - UN921LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN921LJ PANASONIC-UN921LJ Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
More results

Similar Description - UN921LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com