Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA835TF Datasheet(PDF) 9 Page - NEC

Part # UPA835TF
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA835TF Datasheet(HTML) 9 Page - NEC

Back Button UPA835TF Datasheet HTML 2Page - NEC UPA835TF Datasheet HTML 3Page - NEC UPA835TF Datasheet HTML 4Page - NEC UPA835TF Datasheet HTML 5Page - NEC UPA835TF Datasheet HTML 6Page - NEC UPA835TF Datasheet HTML 7Page - NEC UPA835TF Datasheet HTML 8Page - NEC UPA835TF Datasheet HTML 9Page - NEC UPA835TF Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UPA835TF
MODEL RANGE
Frequency:
0.1 to 3.0 GHz
Bias:
VCE =0.5 V to 5 V, IC = 1 mA to 10 mA
Date:
11/98
Note:
This nonlinear model utilized the latest data available. See our Design Parameter Library at www.cel.com for this data.
UNITS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
(1) Gummel-Poon Model
Parameters
Q1
Q2
Parameters
Q1
Q2
IS
7e-16
6e-16
MJC
0.34
0.55
BF
109
120
XCJC
0
0.3
NF
1
0.98
CJS
0
0
VAF
15
10
VJS
0.75
0.75
IKF
0.19
0.08
MJS
0
0
ISE
7.9e-13
32e-16
FC
0.5
0.5
NE
2.19
1.93
TF
2.5e-12
12e-12
BR
1
12
XTF
5.2
6
NR
1.08
0.991
VTF
4.58
10
VAR
12.4
3.9
ITF
0.01
0.2
IKR
Infinity
0.17
PTF
0
0
ISC
0
0
TR
1e-9
1e-9
NC
2
2
EG
1.11
1.11
RE
1.3
0.38
XTB
0
0
RB
10
4.16
XTI
3
3
RBM
8.34
3.6
KF
0
0
IRB
0.009
1.96e-4
AF
1
1
RC
10
2
CJE
0.4e-12
2.8e-12
VJE
0.81
1.3
MJE
0.5
0.5
CJC
0.18e-12
1.1e-12
VJC
0.75
0.7
BJT NONLINEAR MODEL PARAMETERS(1)


Similar Part No. - UPA835TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA835TF RENESAS-UPA835TF Datasheet
208Kb / 14P
   Silicon Transistor
1997
More results

Similar Description - UPA835TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com