Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4488B Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U4488B
Description  Quasi-Split Sound Circuit and AM Demodulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4488B Datasheet(HTML) 6 Page - TEMIC Semiconductors

  U4488B Datasheet HTML 1Page - TEMIC Semiconductors U4488B Datasheet HTML 2Page - TEMIC Semiconductors U4488B Datasheet HTML 3Page - TEMIC Semiconductors U4488B Datasheet HTML 4Page - TEMIC Semiconductors U4488B Datasheet HTML 5Page - TEMIC Semiconductors U4488B Datasheet HTML 6Page - TEMIC Semiconductors U4488B Datasheet HTML 7Page - TEMIC Semiconductors U4488B Datasheet HTML 8Page - TEMIC Semiconductors U4488B Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
U4488B
TELEFUNKEN Semiconductors
Rev. A2, 15-Jan-98
Preliminary Information
6 (9)
Test Circuit
16
123
4
U4488B
56
7
8
15
14
13
12
11
10
9
14
12
3
4
U2860B
56
7
13
12
11
10
9
8
680
22
µF
680
SFT 5.5MA
Rx
SFT 5.74 MA
10 nF
2.2
µF 2.2 µF
270
500
10
µF
IF
V
S
+5 V
3.3 k
3.3 k
15 nF
AF2
AF1
Squelch
Mute
22
µF
V
S
+5 V
10 nF
S2
L
1
8.2 pF
VCO
(38.9 MHz)
4.7
µF
150
4.7
µF 470 nF
S1
AGC
(Mean/Peak)
15 nF
AF (AM)
33.4
MHz
38.9
MHz
Standard B/G
Intercarrier
frequency
13790
32.4 MHz
Standard L
IF2
IF1
S3
IF1/IF2 Mute
10 nF
10 nF
10 nF
Figure 3.


Similar Part No. - U4488B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
U448 VBSEMI-U448 Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - U4488B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
NXP Semiconductors
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
   TV sound AM-demodulator and audio source switch
June 1994
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com