Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68332MA16 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS68332MA16
Description  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332MA16 Datasheet(HTML) 1 Page - ATMEL Corporation

  TS68332MA16 Datasheet HTML 1Page - ATMEL Corporation TS68332MA16 Datasheet HTML 2Page - ATMEL Corporation TS68332MA16 Datasheet HTML 3Page - ATMEL Corporation TS68332MA16 Datasheet HTML 4Page - ATMEL Corporation TS68332MA16 Datasheet HTML 5Page - ATMEL Corporation TS68332MA16 Datasheet HTML 6Page - ATMEL Corporation TS68332MA16 Datasheet HTML 7Page - ATMEL Corporation TS68332MA16 Datasheet HTML 8Page - ATMEL Corporation TS68332MA16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1
Features
Low-power Operation Including Special STOP Mode
Frequency: 16.78 MHz at 5V ± 10% Supply and 20.97 MHz at 5V ± 5%, Software
Programmable
Technology: 1µ High-density Complementary Metal-Oxide Semiconductor (HCMOS),
Static Design
Package: 132-pin Ceramic Leaded Chip Carrier (CERQUAD) and 132-pin Ceramic Pin
Grid Array (PGA)
Modular Architecture in a Single Chip
CPU: 32-bit 6800 Family (Upward Object-code Compatible With The 68010)
New Instructions For Controller Applications
Intelligent 16-bit Timer
– 16 Independent, Programmable Channels
– Any Channel Can Perform Any Time Function (for Example Input Capture, Output
Compare, Pulse Width Modulation, etc.)
– Two timer Count Registers with 2-bit Programmable Prescalers
– Selectable Channel Priority Levels
– Reduced CPU Intervention
– RISC like CPU Within the TPU
Two Serial I/O Subsystems
– Enhanced 68HC11-type Serial Communications Interface (SCI) Universal
Asynchronous Receiver Transmitter (UART) with Parity
– Enhanced 68HC11-type Serial Peripheral Interface With I/O RAM Queue (QSPI)
On-chip Memory: 2-Kbytes Standby RAM
On-chip, Programmable, Chip-select Logic
– Up to 12 Signals for Memory and Peripheral Interface with I/O Select
System Failure Protection
– 68HC11-type Computer Operating Properly (COP) Watchdog Timer
– 68HC11-type Periodic Interrupt Timer
– 68000 Family Spurious Interrupt, Halt, and Bus Time-out Monitors
Up to 48 Discrete I/O Pins
Description
The TS68332 is a 32-bit microcontroller, combining high-performance data manipula-
tion capabilities with powerful peripheral subsystems. The TS68332 is the first
member of the 68300 family of modular embedded controllers featuring fully static,
high-speed complementary metal-oxide semiconductor technology. Based on the
powerful TS68020, the CPU32 instruction processing module provides enhanced sys-
tem performance and utilizes the extensive software base of the 68000 family.
High-
performance
32-bit Integrated
Microcontroller
TS68332
Rev. 2118A–HIREL–03/02


Similar Part No. - TS68332MA16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332MA16 ATMEL-TS68332MA16 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

Similar Description - TS68332MA16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com