Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF02830YR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF02830YR
Description  Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF02830YR Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF02830YR Datasheet HTML 1Page - Vishay Siliconix TSDF02830YR Datasheet HTML 2Page - Vishay Siliconix TSDF02830YR Datasheet HTML 3Page - Vishay Siliconix TSDF02830YR Datasheet HTML 4Page - Vishay Siliconix TSDF02830YR Datasheet HTML 5Page - Vishay Siliconix TSDF02830YR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number 85164
Rev. 1, 25-Oct-02
www.vishay.com
2
VISHAY
TSDF02830YR
Vishay Semiconductors
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Amplifier 1
Following data are valid for operating amplifier 1(pin 1, 3, 2, 5) which is optimized for UHF applications
Amplifier 2
Following data are valid for operating amplifier 2 (pin 6, 4, 2, 5) which is optimized for VHF applications
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Amplifier 1
Following data are valid for operating amplifier 1(pin 1, 3, 2, 5) which is optimized for UHF applications
Part
Marking
Package
TSDF02830YR
WM1
SOT363R
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
8
V
Drain current
ID
25
mA
Gate 1/Gate 2 - source peak
current
± IG1/G2SM
10
mA
Gate 1 - source voltage
+ VG1SM
6
V
- VG1SM
1.5
V
Gate 2 - source voltage
± VG2SM
6
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Channel ambient
on glass fibre printed board (25 x
20 x 1.5) mm3 plated with 35 µm
Cu
RthChA
450
K/W
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
8
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak
current
± IG1/G2SM
10
mA
Gate 1 - source voltage
+ VG1SM
6
V
- VG1SM
1.5
V
Gate 2 - source voltage
± V
G2SM
6
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Channel ambient
on glass fibre printed board (25 x
20 x 1.5) mm3 plated with 35 µm
Cu
RthChA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Drain - source breakdown voltage
ID = 10 µA, VG1S = VG2S = 0
V(BR)DSS
12
V
Gate 1 - source breakdown voltage + IG1S = 10 mA, VG2S = VDS = 0
+ V(BR)G1SS
7
10
V
Gate 2 - source breakdown voltage
± I
G2S = 10 mA, VG1S = VDS = 0
± V
(BR)G2SS
7
10
V


Similar Part No. - TSDF02830YR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF02424X VISHAY-TSDF02424X Datasheet
172Kb / 5P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
TSDF02424X VISHAY-TSDF02424X Datasheet
47Kb / 4P
   Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF02424XR VISHAY-TSDF02424XR Datasheet
172Kb / 5P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
TSDF02424XR VISHAY-TSDF02424XR Datasheet
47Kb / 4P
   Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF02424X VISHAY-TSDF02424X_08 Datasheet
172Kb / 5P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
More results

Similar Description - TSDF02830YR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 16-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-May-99
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-Mar-99
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF02424X VISHAY-TSDF02424X Datasheet
47Kb / 4P
   Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF02424X VISHAY-TSDF02424X_08 Datasheet
172Kb / 5P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com