Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS81102G0 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS81102G0
Description  DMUX 8-/10-bit 2 GHz 1:4/8
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS81102G0 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS81102G0 Datasheet HTML 3Page - ATMEL Corporation TS81102G0 Datasheet HTML 4Page - ATMEL Corporation TS81102G0 Datasheet HTML 5Page - ATMEL Corporation TS81102G0 Datasheet HTML 6Page - ATMEL Corporation TS81102G0 Datasheet HTML 7Page - ATMEL Corporation TS81102G0 Datasheet HTML 8Page - ATMEL Corporation TS81102G0 Datasheet HTML 9Page - ATMEL Corporation TS81102G0 Datasheet HTML 10Page - ATMEL Corporation TS81102G0 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
TS81102G0
2105C–BDC–11/03
Counter
Programmable
State
When the counter is reset, its initial states depends on the conversion ratio:
1:8: counting on 8 bits,
1:4: counting on 4 bits.
Pipeline Delay
The maximum pipeline delay depends on the conversion ratio:
1:8: pipeline delay = 7
1:4: pipeline delay = 3
8-/10-bit, with NAP
Mode for the 2
Unused Bit
The DMUX is a 10-bit parallel device. The last two bits (bits 8 and 9) may not be used, and the
corresponding functions are set to nap mode to reduce power consumption.
ECL Differential
Input Data
Input data are ECL compatible (Voh = -0.8V, Vol = -1.8V).
The minimum swing required is 100 mV differential.
All inputs have a 100
Ω differential termination resistor. The middle point of these resistors is
connected to ground through a 10 pF capacitor.
Figure 7. ECL Differential Input Data
50
Ω Differential
Output Data
The output clock for the ADC is generated through a 50
Ω loaded long tailed. The 50Ω resistor
is connected to the ground pad via a diode. The levels are (on the 100
Ω differential termina-
tion resistor): Vol = -1.4V, Voh = -1.0V.
Figure 8. 50
Ω Differential Output Data
ClkIn
ClkInb
Gnd
10 pF
50
50
ADCDelAdjOut
Gnd
ADCDelAdjOutb


Similar Part No. - TS81102G0

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - TS81102G0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84CS001 ATMEL-AT84CS001 Datasheet
131Kb / 8P
   10-BIT 1:2/4 2.2GHz LVDS DMUX
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 8 GHz
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
logo
Teledyne Technologies I...
CPA-8-2003 TELEDYNE-CPA-8-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
CPA-8-2004 TELEDYNE-CPA-8-2004 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com