Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65111RGE Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65111RGE
Description  LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65111RGE Datasheet(HTML) 3 Page - Texas Instruments

  TPS65111RGE Datasheet HTML 1Page - Texas Instruments TPS65111RGE Datasheet HTML 2Page - Texas Instruments TPS65111RGE Datasheet HTML 3Page - Texas Instruments TPS65111RGE Datasheet HTML 4Page - Texas Instruments TPS65111RGE Datasheet HTML 5Page - Texas Instruments TPS65111RGE Datasheet HTML 6Page - Texas Instruments TPS65111RGE Datasheet HTML 7Page - Texas Instruments TPS65111RGE Datasheet HTML 8Page - Texas Instruments TPS65111RGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPS65110
TPS65111
SLVS495 − SEPTEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended freeair temperature, typical at an ambient temperature of 25°C, at CC1=CC2=CC3=0.22 µF, CD1=CD2=CD3=CS=0.1 µF, CCO=CSO=2.2 µF,
CDO=1.0 µF, VI=3.6 V, and default output voltages (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE
VI
Input voltage range
2.4
5.5
V
IQ
Operating quiescent current
VI = 2.8 V, EN = VI,
SCLK = DATA = VROM = GND, No load
50
120
µA
ISD
Shutdown supply current
VI = 2.8 V, EN = GND,
SCLK = DATA = VROM = GND
1
µA
fmax
Maximum operating frequency
320
400
520
kHz
VUVLO
Under−voltage lockout threshold
VI = 0 V to 3.6 V
2.1
2.3
2.5
V
VUVLO
Under−voltage lockout threshold
VI = 3.6 V to 0 V
2.0
2.2
2.4
V
Hysteresis
30
100
mV
LOGIC SECTION
VIH
EN/CLK/DATA high level input voltage
VI = 2.4 V to 3.5 V
1.3
V
VIH
EN/CLK/DATA high level input voltage
VI = 3.5 V to 5.5 V
1.5
V
VIL
EN/CLK/DATA low level input voltage
0.4
V
IIH / IIL
Logic input current
EN = GND or VI
0.01
0.1
µA
TPS65110 OUTPUT (VCC, VDD, VSS)
VCC
VCC Output DC voltage range
VI = 2.8 V, IVCC = 5 mA
3.25
3.3
3.35
V
IVCC
VCC Output current
IVDD = 2 mA, IVSS = 1 mA
16
mA
VRIPPLEC VCC Output voltage ripple
IVCC = 5 mA
5
mV
VREGC
VCC Line regulation
VI = 2.4 V to 5.5 V
0.1
0.5
%/V
LREGC
VCC Load regulation
VI = 2.8 V, IVCC = no load to 10 mA
0.3
1
%
trC
VCC Rise time
10% to 90%, no load
100
µS
tfC
VCC Fall time
90% to 10%, no load
6
mS
VCC Efficiency
VI to VCC, VCC = 3.3 V, IVCC = 1 mA
84%
VCC Efficiency
VI to VCC, VCC = 3.3 V, IVCC = 10 mA
86%
VDD
VDD Output DC voltage range
VCC = 3.3 V, IVDD = 1.0 mA, VDD boost = x3
7.27
7.5
7.73
V
IVDD
VDD Output current
VCC = 3.3 V
2
mA
VRIPPLED VDD Output voltage ripple
IVDD = 1 mA
7
mV
trD
VDD Rise time
10% to 90%, no load
1.4
mS
tfD
VDD Fall time
90% to 10%, no load
2.4
mS
VDD Efficiency
VCC to VDD, VCC = 3.3 V, VDD = 7.5 V,
IVDD = 0.2 mA
70%
VDD Efficiency
VCC to VDD, VCC = 3.3 V, VDD = 7.5 V, IVDD = 2 mA
70%
VSS
VSS Output DC voltage range
VCC = 3.3 V, IVSS = 0.2 mA
−2.78
−2.7
−2.62
V
IVSS
VSS Output current
VCC = 3.3 V
1
mA
VRIPPLES VSS Output voltage ripple
IVSS = 0.2 mA
3
mV
trS
VSS Rise time
10% to 90%, no load
220
µS
tfS
VSS Fall time
90% to 10%, no load
2
mS
VSS Efficiency
VCC to VSS, VCC = 3.3 V, VSS = −2.8 V,
IVSS = 0.2 mA
82%
VSS Efficiency
VCC to VSS, VCC = 3.3 V, VSS = −2.8 V,
IVSS = 1 mA
82%


Similar Part No. - TPS65111RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65111RGE TI1-TPS65111RGE Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
More results

Similar Description - TPS65111RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
   2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
logo
Monolithic Power System...
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EVQ1531-M-00A MPS-EVQ1531-M-00A Datasheet
274Kb / 7P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com