Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62202 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62202
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62202 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62202 Datasheet HTML 5Page - Texas Instruments TPS62202 Datasheet HTML 6Page - Texas Instruments TPS62202 Datasheet HTML 7Page - Texas Instruments TPS62202 Datasheet HTML 8Page - Texas Instruments TPS62202 Datasheet HTML 9Page - Texas Instruments TPS62202 Datasheet HTML 10Page - Texas Instruments TPS62202 Datasheet HTML 11Page - Texas Instruments TPS62202 Datasheet HTML 12Page - Texas Instruments TPS62202 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS62200, TPS62201
TPS62202, TPS62203
TPS62204, TPS62205
SLVS417B – MARCH 2002 – REVISED OCTOBER 2002
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
VO = 3.3 V
VI = 3.7 V
VI = 5 V
EFFICIENCY
vs
LOAD CURRENT
IL – Load Current – mA
Figure 4
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
EFFICIENCY
vs
LOAD CURRENT
IL –Load Current – mA
VO = 1.8 V
VI = 2.7 V
VI = 3.7 V
VI = 5 V
Figure 5
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
VO = 1.5 V
VI = 2.7 V
VI = 5 V
EFFICIENCY
vs
LOAD CURRENT
IL – Load Current – mA
VI = 3.7V
Figure 6
70
75
80
85
90
95
100
2.50
3
3.50
4
4.50
5
5.50
6
VO = 1.8 V
IL = 150 mA
IL = 1 mA
IL = 300 mA
EFFICIENCY
vs
INPUT VOLTAGE
VI – Input Voltage – V


Similar Part No. - TPS62202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62202 TI-TPS62202 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202 TI1-TPS62202 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBV TI-TPS62202DBV Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBVR TI1-TPS62202DBVR Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62202DBVRG4 TI1-TPS62202DBVRG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com