Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54900 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54900
Description  PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54900 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54900 Datasheet HTML 1Page - Texas Instruments TPS54900 Datasheet HTML 2Page - Texas Instruments TPS54900 Datasheet HTML 3Page - Texas Instruments TPS54900 Datasheet HTML 4Page - Texas Instruments TPS54900 Datasheet HTML 5Page - Texas Instruments TPS54900 Datasheet HTML 6Page - Texas Instruments TPS54900 Datasheet HTML 7Page - Texas Instruments TPS54900 Datasheet HTML 8Page - Texas Instruments TPS54900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS54900
SLVS405 – OCTOBER 2001
4
www.ti.com
Terminal Functions
TERMINAL
PIN DESCRIPTION
FUNCTIONAL DESCRIPTION
NAME
NO.
PIN DESCRIPTION
FUNCTIONAL DESCRIPTION
LX0
1
Channel 0 switch output
Output to inductor and catch diode
LX1
2
Channel 1 switch output
Output to inductor and catch diode
GND
3
Ground
Power and Analog Ground
SFS
4
Frame sync input
Read/write frame start strobe
SDI
5
Serial data in
8 bit address/16–bit data word command input
EN
6
Enable
EN < VIL: Disable all channels,
EN > VIH: Enable activates outputs (see text)
FB0
7
Channel 0 feedback input
FB1
8
Channel 1 feedback input
Feedback from L C filter output
FB2
9
Channel 2 feedback input
Feedback from L–C filter output
FB3
10
Channel 3 feedback input
CBS
11
Channel bank select
Assigns internal channels to respond to serial address bit ADR2 = 0 when CBS < VIL,
or to ADR2 = 1 when CBS > VIH
SCLK
12
Serial clock input
Serial clock/synchronization signal
SDO
13
Serial data out
Status data output signal, open drain
VIN
14
Input supply voltage
Chip supply and channel 0–3 switch input
LX2
15
Channel 2 switch output
Output to inductor and catch diode
LX3
16
Channel 3 switch output
Output to inductor and catch diode
functional block diagram
UVLO
Bias
Oscillator,
Clock & Ramp
Generator
Bandgap
Reference
Serial
Command
Interface
Output Status
VIN
GND
EN
CBS
SFS
SCLK
SDI
SDO
PWM Ramp
DACV0
DACV1
DACV2
DACV3
FB3
FB2
FB1
FB0
LX3
LX2
LX0
LX1
Reset
Thermal
Shutdown
Shutdown
PWM
Control
DACs
Programming
Registers
ST
ILIM
ILIM
ILIM
ILIM


Similar Part No. - TPS54900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI1-TPS54900 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Similar Description - TPS54900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com