Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2398 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2398
Description  -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2398 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2398 Datasheet HTML 1Page - Texas Instruments TPS2398 Datasheet HTML 2Page - Texas Instruments TPS2398 Datasheet HTML 3Page - Texas Instruments TPS2398 Datasheet HTML 4Page - Texas Instruments TPS2398 Datasheet HTML 5Page - Texas Instruments TPS2398 Datasheet HTML 6Page - Texas Instruments TPS2398 Datasheet HTML 7Page - Texas Instruments TPS2398 Datasheet HTML 8Page - Texas Instruments TPS2398 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS2398
TPS2399
SLUS562A − JUNE 2003 − REVISED SEPTEMBER 2003
2
www.ti.com
DESCRIPTION (continued)
They also provide single-line fault reporting, electrical isolation of faulty cards, and protection against nuisance
overcurrent trips. The TPS2398 latches off in response to current faults, while the TPS2399 periodically retries
the load in the event of a fault.
ABSOLUTE MAXIMUM RATINGS (See Note 1)
TPS2398/1
UNIT
Input voltage range, all pins except RTN, EN, PG(2)
−0.3 V to 15
V
Input voltage range, RTN(2)
−0.3 V to 100
V
Input voltage range, EN(2)(3)
−0.3 V to 100
V
Output voltage range, PG(2)(4)
−0.3 V to 100
V
Continuous output current, PG
10
mA
Continuous total power dissipation
see Dissipation Rating Table
Operating junction temperature range, TJ
−55
_C to 125_C
_C
Storage temperature range, Tstg
−65
_C to 150_C
_C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
_C
NOTES 1: Stresses beyond those listed under ”absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating
conditions” is not implied. Exposure to absolute−maximum−rated conditions for extended periods may affect device reliability.
2: All voltages are with respect to −VIN (unless otherwise noted).
3: With 100-k
Ω minimum input series resistance, −0.3 V to 15 V with low impedance.
4: With 10-k
Ω minimum series resistance, −0.3 V to 80 V with low impedance.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
UNIT
Human Body Model (HBM)
1.5
kV
Charged Device Model (CDM)
1.5
kV
RECOMMENDED OPERATING CONDITIONS†
MIN
NOM
MAX
UNIT
Nominal input supply, −VIN to RTN
−80
−36
V
Operating junction temperature range
−40
85
_C
† All voltages are with respect to −VIN (unless otherwise noted)
DISSIPATION RATING TABLE
PACKAGE
TA < 25_C
POWER RATING
DERATING FACTOR
ABOVE TA = 25_C
TA = 85_C
POWER RATING
MSOP-8
420 mW
4.3 mW/
_C
160 mW
AVAILABLE OPTIONS
OPERATING
FAULT
PACKAGED DEVICES
OPERATING
TA
FAULT
OPERATION
PACKAGED DEVICES
MSOP (DGK)
−40
_C to 85_C
Latch off
TPS2398DGK
−40
_C to 85_C
Periodically retry
TPS2399DGK


Similar Part No. - TPS2398

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2398 TI1-TPS2398 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2398DGK TI1-TPS2398DGK Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
TPS2398DGKG4 TI1-TPS2398DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
TPS2398DGKR TI1-TPS2398DGKR Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
More results

Similar Description - TPS2398

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com