Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2005D1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1
Description  1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2005D1 Datasheet HTML 1Page - Texas Instruments TPA2005D1 Datasheet HTML 2Page - Texas Instruments TPA2005D1 Datasheet HTML 3Page - Texas Instruments TPA2005D1 Datasheet HTML 4Page - Texas Instruments TPA2005D1 Datasheet HTML 5Page - Texas Instruments TPA2005D1 Datasheet HTML 6Page - Texas Instruments TPA2005D1 Datasheet HTML 7Page - Texas Instruments TPA2005D1 Datasheet HTML 8Page - Texas Instruments TPA2005D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPA2005D1
SLOS369B – JULY 2002 – REVISED DECEMBER 2002
www.ti.com
4
(A1)
(B1)
(A4)
(C4)
(D4)
(SIDE VIEW)
MicroStar Junior
t (GQY) Package
(TOP VIEW)
NC
VDD
SHUTDOWN
IN+
IN–
VO–
VDD
VO+
NOTES:A. The shaded terminals are used for electrical and thermal connections to the ground plane. All the shaded terminals need to be electrical
connected to ground. No connect (NC) terminals still need a pad and trace.
B. The thermal pad of the DRB package should be electrically and thermally connected to a ground plane.
(C1)
(D1)
(B4)
GND
8
SHUTDOWN
NC
IN+
IN–
VO–
GND
VDD
VO+
DRB PACKAGE
(TOP VIEW)
7
6
5
1
2
3
4
NC – No internal connection
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
GQY
DRB
I/O
DESCRIPTION
IN–
D1
4
I
Negative differential input
IN+
C1
3
I
Positive differential input
VDD
B4, C4
6
I
Power supply
VO+
D4
5
O
Positive BTL output
GND
A2, A3,
B3, C2,
C3 D2,
D3
7
I
High-current ground
VO–
A4
8
O
Negative BTL output
SHUTDOWN
A1
1
I
Shutdown terminal (active low logic)
NC
B1
2
No connect
FUNCTIONAL BLOCK DIAGRAM
_
+
_
+
_
+
_
+
150 k
150 k
_
+
_
+
Deglitch
Logic
Deglitch
Logic
Gate
Drive
Gate
Drive
VDD
OC
Detect
Startup
Protection
Logic
Ramp
Generator
Biases
and
References
TTL
Input
Buffer
SD
Gain = 2 V/V
B4, C4
VDD
A4
VO–
D4
VO+
GND
D1
IN–
C1
IN+
A1
SHUTDOWN
† A2, A3, B3, C2, C3, D2, D3


Similar Part No. - TPA2005D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com