Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TORX111 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TORX111
Description  FIBER OPTIC RECEIVING MODULE FOR APF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX111 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TORX111 Datasheet HTML 1Page - Toshiba Semiconductor TORX111 Datasheet HTML 2Page - Toshiba Semiconductor TORX111 Datasheet HTML 3Page - Toshiba Semiconductor TORX111 Datasheet HTML 4Page - Toshiba Semiconductor TORX111 Datasheet HTML 5Page - Toshiba Semiconductor TORX111 Datasheet HTML 6Page - Toshiba Semiconductor TORX111 Datasheet HTML 7Page - Toshiba Semiconductor TORX111 Datasheet HTML 8Page - Toshiba Semiconductor TORX111 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TORX111
2001-08-31
1
FIBER OPTIC RECEIVING MODULE
TORX111
FIBER OPTIC RECEIVING MODULE
FOR APF
l Non−connector (connector less) type
l Data rate: DC to 6 Mb / s (NRZ code)
l Transmission distance:
Up to 10 m (With TOTX111)
l TTL interface
1. Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Ratings
Unit
Storage Temperature
Tstg
−40 to 85
°C
Operating Temperature
Topr
−20 to 70
°C
Supply Voltage
VCC
−0.5 to 7
V
High Level Output Current
IOH
−1
mA
Low Level Output Current
IOL
20
mA
Clamped Fiber Bearable Force
FCB
19.6 (Note 1)
N
Soldering Temperature
Tsol
260 (Note 2)
°C
Note 1: Pulling in the axial direction. Momentary value.
Note 2: Soldering time ≤ 3 s (More than 1 mm apart from the package).
Unit: mm


Similar Part No. - TORX111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX1350A TOSHIBA-TORX1350A Datasheet
326Kb / 6P
   FIBER OPTIC RECEIVING MODULE
2020-03-12
TORX1350AF TOSHIBA-TORX1350AF Datasheet
326Kb / 6P
   FIBER OPTIC RECEIVING MODULE
2020-03-12
TORX1350F TOSHIBA-TORX1350F Datasheet
326Kb / 6P
   FIBER OPTIC RECEIVING MODULE
2020-03-12
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
   FIBER OPTIC RECEIVING MODULE
TORX141PL TOSHIBA-TORX141PL Datasheet
1Mb / 20P
   Fiber-Optic Devices Toslink
More results

Similar Description - TORX111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
   FIBER OPTIC RECEIVING MODULE
TORX170 TOSHIBA-TORX170 Datasheet
167Kb / 9P
   FIBER OPTIC RECEIVING MODULE
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
   Fiber Optic Receiving Module
KFO-RX16CB KODENSHI-KFO-RX16CB Datasheet
199Kb / 1P
   Fiber Optic Receiving Module
logo
Toshiba Semiconductor
TORX193 TOSHIBA-TORX193 Datasheet
148Kb / 8P
   FIBER OPTIC RECEIVING MODULE
TORX173 TOSHIBA-TORX173 Datasheet
134Kb / 7P
   FIBER OPTIC RECEIVING MODULE
TORX1350A TOSHIBA-TORX1350A Datasheet
326Kb / 6P
   FIBER OPTIC RECEIVING MODULE
2020-03-12
TORX178S TOSHIBA-TORX178S Datasheet
111Kb / 4P
   FIBER OPTIC RECEIVING MODULE
TORX198 TOSHIBA-TORX198 Datasheet
145Kb / 8P
   FIBER OPTIC RECEIVING MODULE
logo
Ceramate Technical
RX179ATW CERAMATE-RX179ATW Datasheet
146Kb / 7P
   Fiber Optic Receiving Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com