Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAA3528AVU-ARBGS-112 Datasheet(PDF) 9 Page - Kingbright Corporation

Part # AAA3528AVU-ARBGS-112
Description  SINGLE LEVEL SURFACE MOUNT CBI
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAA3528AVU-ARBGS-112 Datasheet(HTML) 9 Page - Kingbright Corporation

  AAA3528AVU-ARBGS-112 Datasheet HTML 1Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 2Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 3Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 4Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 5Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 6Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 7Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 8Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SPEC NO: DSAN8418
REV NO: V.4B
DATE: JUN/27/2017
PAGE: 9 OF 9
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.T.Zhang
ERP: 1102015357
Application Notes
5. Humidity Control Of PCB-Mounted Parts
If the moisture-sensitive SMD parts will not undergo further reflow or other high-temperature
processes, then no special treatment is required. However, if the PCB assembly requires further
reflow or other high-temperature process, including rework, then the mounted SMD’s exposure time
should continue to accumulate against the MSL limit, unless the board is kept in a dry environ ment
(<5% RH).If the exposure time exceeds the MSL limit, the board and part must be baked dry to reset
the exposure time before undergoing further reflow.
Installation and Usage
If the part’s silicone lens extends beyond the board’s edge after installation, proper protection
Should be made (such as covers) to prevent accidental impact or stress on the exposed lens that
would cause damage or detachment. The silicone lens may withstand up to 1.5-newton in shear
force when properly mounted.If external protection is not available, strongly suggest following these
handling procedures to prevent damage:
1. When the PCB assembly is handled or transported after reflow soldering, care must be taken to
prevent accidental contact or impact on the exposed silicone lens.
2. When the PCB assembly is installed into the casing or panel, care must be taken to maintain
sufficient clearance for the lens.
3. Do not subject the silicone lens to outside impact or friction.
Cleaning
1. Do not use unknown chemicals or acidic solvents to clean the part. Please check to insure the
cleaning solvent will notcorode epoxy resin, silicone resin, silver plating, and other component
materials before using.
2. Kingbright suggests ethanol as a safe solvent for use with the surface mount devices. Softly wipe
away any surface partcles,avoiding excessive force scratching the surface or damaging the struc-
tures. Then place down and allow to naturally dry under room temperature conditions before further
use. Do not soak the component in the solvent.


Similar Part No. - AAA3528AVU-ARBGS-112

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3528AVU-AESGCT KINGBRIGHT-AAA3528AVU-AESGCT Datasheet
365Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASURKQBDS KINGBRIGHT-AAA3528AVU-ASURKQBDS Datasheet
364Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASYKCGKCT KINGBRIGHT-AAA3528AVU-ASYKCGKCT Datasheet
349Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-AYSGCT KINGBRIGHT-AAA3528AVU-AYSGCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
More results

Similar Description - AAA3528AVU-ARBGS-112

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3528AVU-SURKCGKCT KINGBRIGHT-AAA3528AVU-SURKCGKCT Datasheet
368Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AYS KINGBRIGHT-AA3528AVU-AYS Datasheet
316Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASURKQBDS KINGBRIGHT-AAA3528AVU-ASURKQBDS Datasheet
364Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-AZGKSYKCT KINGBRIGHT-AAA3528AVU-AZGKSYKCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AQBS-D KINGBRIGHT-AA3528AVU-AQBS-D Datasheet
348Kb / 5P
   Single Level Surface Mount CBI
AAA3528AVU-AYSGCT KINGBRIGHT-AAA3528AVU-AYSGCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASYKCGKCT KINGBRIGHT-AAA3528AVU-ASYKCGKCT Datasheet
349Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-ASRS KINGBRIGHT-AA3528AVU-ASRS Datasheet
314Kb / 7P
   Single Level Surface Mount CBI
AA3528AVU-ACGSK KINGBRIGHT-AA3528AVU-ACGSK Datasheet
320Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com