Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2599-72 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2599-72
Description  SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2599-72 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2599-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2599-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2599-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2599-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMC Plug
• Connector 2: BNC Male
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Operating Voltage (AC)
335
Vrms
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.89
1.07
1.38
2
3.47
dB
Insertion Loss (Typ.)
0.86
1.16
1.63
2.48
3.68
dB
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Length*
72 in [182.88 cm]
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG316
Impedance
50 Ohms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax PE3C2599-72
PE3C2599-72 REV 1.0
SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3C2599-72


Similar Part No. - PE3C2599-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
More results

Similar Description - PE3C2599-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2599LF-72 PASTERNACK-PE3C2599LF-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2416-72 PASTERNACK-PE3C2416-72 Datasheet
374Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C3425-72 PASTERNACK-PE3C3425-72 Datasheet
361Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG174 Coax
PE3C2578-72 PASTERNACK-PE3C2578-72 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG188 Coax
PE3C4413-72 PASTERNACK-PE3C4413-72 Datasheet
457Kb / 4P
   BNC Male to SSMC Plug Cable 72 Inch Length Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com