Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46535 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # SLG46535
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 31Page - Dialog Semiconductor SLG46535 Datasheet HTML 32Page - Dialog Semiconductor SLG46535 Datasheet HTML 33Page - Dialog Semiconductor SLG46535 Datasheet HTML 34Page - Dialog Semiconductor SLG46535 Datasheet HTML 35Page - Dialog Semiconductor SLG46535 Datasheet HTML 36Page - Dialog Semiconductor SLG46535 Datasheet HTML 37Page - Dialog Semiconductor SLG46535 Datasheet HTML 38Page - Dialog Semiconductor SLG46535 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 185 page
background image
SLG46535_DS_106
Page 34 of 184
SLG46535
7.0 I/O Pins
The SLG46535 has a total of 11 multi-function I/O pins which can function as either a user defined Input or Output, as well as
serving as a special function, or serving as a signal for programming of the on-chip Non Volatile Memory (NVM).
Refer to Section 2.0 Pin Description for normal and programming modepin definitions.
Normal Mode pin definitions are as follows:
• Pin 1: VDD power supply
• Pin 2: general purpose input
• Pin 3: general purpose input or output
• Pin 4: general purpose input or output or analog comparator 0(+)
• Pin 5: general purpose input or output with OE or analog comparator 0(-)
• Pin 6: general purpose input or OD output SCL
• Pin 7: general purpose input or OD output SDA
• Pin 8: general purpose input or output with OE or analog comparator 1(+)
• Pin 9: ground
• Pin 10: general purpose input or analog comparator 0/1/2(-)
• Pin 11: VDD2 power supply
• Pin 12: general purpose input or output with OE
• Pin 13: general purpose input or output or external clock input for OSC0 25 kHz/2 MHz
• Pin 14: general purpose input or output or external clock input
for OSC1 25 MHz
Programming Mode pin definitions are as follows:
• Pin 1: VDD power supply
• Pin 2: VPP programming voltage
• Pin 6: Programming SCL
• Pin 7: Programming SDA
• Pin 9: ground
• Pin 12: programming mode control
Of the 12 user defined I/O pins on the SLG46535, all but one of the pins (Pin 2) can serve as both digital input and digital output.
Pin 2 can only serve as a digital input pin.
The high side of the user selectable push-pull or open-drain pin output structures for each GPIO is connected to either VDD or
VDD2. This allows for the appropriate voltage level output compatible with each voltage domain.
7.1 Input Modes
Each I/O pin can be configured as a digital input pin with/without buffered Schmitt Trigger, or can also be configured as a low
voltage digital input. Pins 4, 5, 8 and10 can also be configured to serve as analog inputs to the on-chip comparators.
7.2 Output Modes
Pins 3, 4, 5, 6, 7, 8, 10, 12, 13 and 14 can all be configured as digital output pins.
7.3 Pull Up/Down Resistors
All I/O pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
, 100 k and 1 M. In the case of Pin 2, the resistors are fixed to a pull-down configuration. In the case of all other I/O
pins, the internal resistors can be configured as either pull-up or pull-downs.


Similar Part No. - SLG46535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535V RENESAS-SLG46535V Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535VTR RENESAS-SLG46535VTR Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results

Similar Description - SLG46535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com